Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6-4N4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6-4N4
Description  ESD array with low capacitance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6-4N4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6-4N4 Datasheet HTML 1Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 2Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 3Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 4Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 5Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 6Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 7Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 8Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ESDALC6-4N4
Characteristics
Doc ID 022191 Rev 2
3/11
Figure 3.
Peak pulse power versus initial
junction temperature (typical
values, 8/20 µs waveform)
Figure 4.
Peak pulse power versus
exponential pulse duration (typical
values)
0
10
20
30
40
50
60
25
35
45
55
65
75
85
95
105 115 125 135 145 155 165 175
Ppp (W)
T (°C)
j
P (W)
PP
1
10
100
10
100
1000
t (µs)
p
Figure 5.
Clamping voltage versus peak
pulse current (typical values,
8/20 µs waveform)
Figure 6.
Forward voltage drop versus peak
forward current (typical values)
I (A)
PP
0.1
1.0
10.0
789
10
11
12
V
(V)
CL
I
(A)
FM
0.0
1.0
2.0
0.8
1.3
1.8
2.3
V
(V)
FM
Figure 7.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 8.
Leakage current versus junction
temperature (typical values)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0123
4
5
6
C(pF)
F=1 MHz
Vosc=30mVRMS
Vr=0V
Tj=25 °C
VR(V)
I
R (nA)
0.10
1.00
10.00
25
35
45
55
65
75
85
VR=VRM=3V
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com