Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87410 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87410
Description  PC87410 PCI-IDE Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87410 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87410 Datasheet HTML 2Page - National Semiconductor (TI) PC87410 Datasheet HTML 3Page - National Semiconductor (TI) PC87410 Datasheet HTML 4Page - National Semiconductor (TI) PC87410 Datasheet HTML 5Page - National Semiconductor (TI) PC87410 Datasheet HTML 6Page - National Semiconductor (TI) PC87410 Datasheet HTML 7Page - National Semiconductor (TI) PC87410 Datasheet HTML 8Page - National Semiconductor (TI) PC87410 Datasheet HTML 9Page - National Semiconductor (TI) PC87410 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Pin Description (Continued)
IDE Interface
Name
Type
IOL
Description
IDE
D 150
IO
12 mA Slew
DRIVE DATA BUS
This is an 8- or 16-bit bi-direction data between the PCI-IDE
chip and the drive The lower 8 bits are used for 8-bit transfers (eg command
Rate Control
registers ECC bytes)
CH0
DA 20
O
12 mA Slew
CHANNEL 0 ADDRESS LINES
This is the 3-bit binary coded address asserted
by the host to access a register or data port in the drive
Rate Control
CH1
DA 20
O
12 mA Slew
CHANNEL 1 ADDRESS LINES
This is the 3-bit binary coded address asserted
by the host to access a register or data port in the drive
Rate Control
IORDY0
I
CHANNEL 0 IO CHANNEL READY
This signal is negated to extend the disk
transfer cycle of any register access (read or write) when the drive is not ready
to respond to a data transfer request
IORDY1
I
CHANNEL 1 IO CHANNEL READY
This signal is negated to extend the disk
transfer cycle of any register access (read or write) when the drive is not ready
to respond to a data transfer request
CH0
IOR
O
12 mA Slew
CHANNEL 0 IO READ
This is the read strobe signal The falling edge of
CH0
IOR
enables data from a register or the data port of the drive onto the
Rate Control
PCI bus
CH0
IOW
O
12 mA Slew
Channel 0 IO Read
This is the write strobe signal The rising edge of CH0
IOW
clocks data from the PCI-IDE chip into the register or the data port of the
Rate Control
drive
CH1
IOR
O
12 mA Slew
CHANNEL 1 IO READ
This is the read strobe signal The falling edge of the
CH1
IOR
enables data from a register or the data port of the drive onto the
Rate Control
PCI bus
CH1
IOW
O
12 mA Slew
CHANNEL 1 IO WRITE
This is the write strobe signal The rising edge of
CH1
IOW
clocks data from the PCI-IDE chip into the register or the data port
Rate Control
of the drive
HDDRST
O
12 mA Slew
DRIVE RESET
This signal from the PCI-IDE chip is triggered by RST
or under
software control which generates IDE reset for a min time of 62 ms
Rate Control
CH0
CS1
O
12 mA Slew
CHANNEL 0 CHIP SELECT 1 AND 3
CH0
CS1
is the chip select signal to
select the Command Block Register CH0
CS3
is the chip select signal to
CH0
CS3
Rate Control
select the Control Block Register
CH1
CS1
O
12 mA Slew
CHANNEL 1 CHIP SELECT 1 AND 3
CH1
CS1
is the chip select signal to
select the Command Block Registers CH1
CS3
is the chip select to select
CH1
CS3
Rate Control
the Control Block Registers
CH0
INT
I
CHANNEL INTERRUPTS
These signals are used to interrupt the host system
CH0
INT is asserted only when the drive(s) on channel 0 has a pending
CH1
INT
interrupt and the host has cleared nIEN in the Device Control Register CH1
INT is asserted only when the drive(s) on channel 1 has a pending interrupt and
the host has cleared nIEN in the Device Control Register
ENABLE
I
CHIP ENABLE PIN
Logic low will disable this chip If this pin is tied to Logic
High or not connected then the chip is enabled
HEADER
I
HEADER PIN
See page 13
IRQ14
OTRI-STATE
8 mA Slew
The output of this pin is equivalent to ISA IRQ14 if HEADER is ‘‘not connected’’
or Logic High However this pin will go to TRI-STATE if HEADER is tied to Logic
Rate Control
low
IRQ15
OTRI-STATE
8 mA Slew
The output of this pin is equivalent to ISA IRQ15 if HEADER is ‘‘Not connected’’
or Logic High However this pin will go to TRI-STATE if HEADER is tied to Logic
Rate Control
low
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com