Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87410 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87410
Description  PC87410 PCI-IDE Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87410 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC87410 Datasheet HTML 3Page - National Semiconductor (TI) PC87410 Datasheet HTML 4Page - National Semiconductor (TI) PC87410 Datasheet HTML 5Page - National Semiconductor (TI) PC87410 Datasheet HTML 6Page - National Semiconductor (TI) PC87410 Datasheet HTML 7Page - National Semiconductor (TI) PC87410 Datasheet HTML 8Page - National Semiconductor (TI) PC87410 Datasheet HTML 9Page - National Semiconductor (TI) PC87410 Datasheet HTML 10Page - National Semiconductor (TI) PC87410 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Configuration Registers The configuration register map is shown in Table I
TABLE I
Reg
RW
Description
(in HEX)
00
R
VENDOR ID
(100Bh)
02–3
R
DEVICE ID
(D001h)
04 – 5
RW
COMMAND REGISTER
The command register provides coarse control over a device’s ability to generate and
respond to PCI cycles
bit 0controls the response to the IO space accesses specified in the Base Address Register Default value is
determined by the ENABLE pin
1 Chip enable
0 Chip enable
bit 6
allows the controller to detect parity errors on the PCI bus and report these errors to the system
1 enable parity checking
0 disable parity checking (default)
bit 8allows the controller to detect system errors on the PCI bus and report these errors to the system
1 enable system error checking
0 disable system error checking (default)
06
RW
STATUS REGISTER
This register is used to record status information for PCI bus related events ‘‘Reads’’
from this register behaves normally However ‘‘write’’ to this register is slightly different respect to the ordinary
register This register can be reset but not set In order to reset this register a logical High need to write to the
corresponding bit For details please check P156 of the PCI specification 20 (April 30 1993)
bit 9 – 10 These bit encode the timing of DEVSEL
(read only)
00 fast
01 medium Default
bit 14 1 means system error
bit 15 This bit will be set by a device whenever that device detects a data parity error This bit is disabled when
parity error handling is disabled A logical one means detection of parity error Please check P 157 of the PCI
specification 20 (April 30 1993)
Reg
RW
Description
(in HEX)
08
R
REV ID
(00h)
09
R
PROGRAMMING INTERFACE
default is 00h
0A
R
SUB-CLASS CODE
default is 01h (means IDE controller)
0B
R
BASIC CLASS CODE
default is 01h (means mass storage)
0C – 0D
Not Used
0E
R
HEADER TYPE
default is 00h
10 – 13
RW
BASE ADDRESS REGISTERS 0
For Primary IDE Data Control Ports (Default 000001F0h – 000001F7h)
bit0 fixed to 1
bit1 fixed to 0
bit2 fixed to 0
14 – 17
RW
BASE ADDRESS REGISTERS 1
For Primary IDE Control Status Ports (Default 000003F6h) Note only ‘‘3F6’’
byte is accessible
bit0 fixed to 1
bit1 fixed to 0
18 – 1B
RW
BASE ADDRESS REGISTER 2
For Secondary IDE Data Control Ports (Default 00000170h – 0000177h)
bit0 fixed to 1
bit1 fixed to 0
bit2 fixed to 0
1C – 1F
RW
BASE ADDRESS REGISTER 3
For Secondary IDE Control Status Ports (Default 00000376h) Note only
‘‘376’’ byte is accessible
bit0 fixed to 1
bit1 fixed to 0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com