Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87410 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87410
Description  PC87410 PCI-IDE Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87410 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87410 Datasheet HTML 1Page - National Semiconductor (TI) PC87410 Datasheet HTML 2Page - National Semiconductor (TI) PC87410 Datasheet HTML 3Page - National Semiconductor (TI) PC87410 Datasheet HTML 4Page - National Semiconductor (TI) PC87410 Datasheet HTML 5Page - National Semiconductor (TI) PC87410 Datasheet HTML 6Page - National Semiconductor (TI) PC87410 Datasheet HTML 7Page - National Semiconductor (TI) PC87410 Datasheet HTML 8Page - National Semiconductor (TI) PC87410 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings 5V g10%
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05V to a70V
Input Voltage (VI)
b
05V to VDD a05V
Output Voltage (VO)
b
05V to VDD a05V
Storage Temperature (TSTG)
b
65 Cto a165 C
Lead Temperature (TL)
(Soldering 10 seconds)
a
260 C
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage
45
50
55
V
Operating Temperature (TA)0
a
70
C
DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Input Low Voltage
CMOS
03VDD
V
TTL
08
V
VIH
Input High Voltage
CMOS
07 VDD
V
TTL
20
V
IIH
Input High Current
VIN e VDD
b
10
10
m
A
Input with Pull-Down
VIN e VDD
10
200
m
A
IIL
Input Low Current
VIN e VSS
b
10
10
m
A
Input with Pull-Down
VIN e VSS
b
200
b
10
m
A
VOH
Type B8
IOH e 8 mA
24
V
Type B12
IOH e 12 mA
24
V
VOL
Type B8
IOL e 8 mA
04
V
Type B12
IOL e 12 mA
04
V
IOZ
Output TRI-STATE
VOH e VSS
b
10
10
m
A
Leakage Current
or VDD
IDD
VDD Average Supply
No Load
10
mA
Current
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com