Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87410 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87410
Description  PC87410 PCI-IDE Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87410 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87410 Datasheet HTML 1Page - National Semiconductor (TI) PC87410 Datasheet HTML 2Page - National Semiconductor (TI) PC87410 Datasheet HTML 3Page - National Semiconductor (TI) PC87410 Datasheet HTML 4Page - National Semiconductor (TI) PC87410 Datasheet HTML 5Page - National Semiconductor (TI) PC87410 Datasheet HTML 6Page - National Semiconductor (TI) PC87410 Datasheet HTML 7Page - National Semiconductor (TI) PC87410 Datasheet HTML 8Page - National Semiconductor (TI) PC87410 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLF12073
October 1994
PC87410 PCI-IDE Interface Controller
General Description
The PCI-IDE Interface Controller is designed to interface the
IDE drive directly onto the PCI bus It provides write posting
and read pre-fetches allowing the CPU to run concurrently
with IDE cycles It connects IDE drIves ‘‘gluelessly’’ into the
PCI bus and supports faster ATA devices using modes 1 2
and 3 through PIO accesses It supports dual IDE channels
for up to four drives and works seamlessly with the National
Semiconductor’s SuperIOTM family of products
A full suite of software drives included with device are fully
tested with DOS 50 – 6x Windows 3x – 4x Windows NT
OS2 2x Novell Netware 31x – 4x and SCO UNIX 3x
Key Features
Y
Fully compatible with PCI specifications rev 20 (April
1993)
Y
Programmable Base Address registers
Y
Interfaces with the 32 bits PCI local bus to IDE drives
Y
Support IDE PIO timing mode 0 1 2 of ANSI ATA
specifications
Y
Support Mode 3 (11 MBs) timing proposal on en-
hanced IDE (IDE-2 or ATA-2) specifications
Y
Two IDE-2 channel supported (each channel supports 2
devices)
Y
Supports primary IDE or secondary IDE address
Y
16-Byte FIFO provide 4-level Posted Write and Read
ahead buffers per channel for concurrent system
operation
Y
Programmable command and recovery timing for reads
and writes per channel
Y
Independent timings for command registers and data
registers
Y
Slew rate controlled output directly interface with IDE
devices
Y
Supports either IRQ1415 or INTA
B
Y
Hardware and Software chip enabledisable capability
Y
100 pin PQFP package NO other glue logic needed
and 12 mA transceivers are built in
Block Diagram
TLF12073 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
SuperIOTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - PC87410

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87413 NSC-PC87413 Datasheet
3Mb / 257P
LPC ServerI/O for Servers and Workstations
PC87414 NSC-PC87414 Datasheet
3Mb / 257P
LPC ServerI/O for Servers and Workstations
PC87415 NSC-PC87415 Datasheet
374Kb / 42P
PCI-IDE DMA Master Mode Interface Controller
PC87415VCG NSC-PC87415VCG Datasheet
374Kb / 42P
PCI-IDE DMA Master Mode Interface Controller
PC87416 NSC-PC87416 Datasheet
3Mb / 257P
LPC ServerI/O for Servers and Workstations
More results

Similar Description - PC87410

ManufacturerPart #DatasheetDescription
logo
Winbond
W89C940 WINBOND-W89C940 Datasheet
353Kb / 61P
ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
PCI-TO-ISA / IDE XCELERATOR PIIX4
logo
National Semiconductor ...
PC87415 NSC-PC87415 Datasheet
374Kb / 42P
PCI-IDE DMA Master Mode Interface Controller
logo
SMSC Corporation
SLC90E66 SMSC-SLC90E66 Datasheet
1Mb / 257P
Victory66 Enhanced PCI South Bridge with Ultra ATA/66 IDE Controller
logo
Agere Systems
FW323061394 AGERE-FW323061394 Datasheet
1Mb / 92P
PCI PHY/Link Open Host Controller Interface
Rev. 1 December 2005
logo
Winbond
W83C554F WINBOND-W83C554F Datasheet
3Mb / 156P
SYSTEM I/O CONTROLLER WITH PCI ARBITER & UltraDMA/33 IDE Controller
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
PCI to IDE/ATA
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841 Datasheet
167Kb / 2P
Ethernet MAC Controller with PCI Interface
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
171Kb / 2P
Ethernet MAC Controller with PCI Interface
logo
Axiomtek Co., Ltd.
FIM AXIOMTEK-FIM_17 Datasheet
455Kb / 1P
IDE/ATA standard interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com