Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-2Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # HSP061-2Y
Description  Automotive 2-line ESD protection for high speed lines
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2Y Datasheet(HTML) 6 Page - STMicroelectronics

  HSP061-2Y Datasheet HTML 1Page - STMicroelectronics HSP061-2Y Datasheet HTML 2Page - STMicroelectronics HSP061-2Y Datasheet HTML 3Page - STMicroelectronics HSP061-2Y Datasheet HTML 4Page - STMicroelectronics HSP061-2Y Datasheet HTML 5Page - STMicroelectronics HSP061-2Y Datasheet HTML 6Page - STMicroelectronics HSP061-2Y Datasheet HTML 7Page - STMicroelectronics HSP061-2Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
HSP061-2Y
6/8
DocID024471 Rev 2
Note:
Product marking may be rotated by 90° or 180° to differentiate assembly location. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Table 3. SOT666 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.60
0.018
0.024
A3
0.08
0.18
0.003
0.007
b
0.17
0.34
0.007
0.013
b1
0.19
0.27
0.34
0.007
0.011
0.013
D
1.50
1.70
0.059
0.067
E
1.50
1.70
0.059
0.067
E1
1.10
1.30
0.043
0.051
e
0.50
0.020
L1
0.19
0.007
L2
0.10
0.30
0.004
0.012
L3
0.10
0.004
Figure 10. Footprint recommendations
dimensions in mm (inches)
Figure 11. Marking
0.50
(0.019)
2.60
(0.01)
0.62
(0.024)
0.30
(0.012)
0.99
(0.039)
RY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com