Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-2Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # HSP061-2Y
Description  Automotive 2-line ESD protection for high speed lines
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2Y Datasheet(HTML) 2 Page - STMicroelectronics

  HSP061-2Y Datasheet HTML 1Page - STMicroelectronics HSP061-2Y Datasheet HTML 2Page - STMicroelectronics HSP061-2Y Datasheet HTML 3Page - STMicroelectronics HSP061-2Y Datasheet HTML 4Page - STMicroelectronics HSP061-2Y Datasheet HTML 5Page - STMicroelectronics HSP061-2Y Datasheet HTML 6Page - STMicroelectronics HSP061-2Y Datasheet HTML 7Page - STMicroelectronics HSP061-2Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
HSP061-2Y
2/8
DocID024471 Rev 2
1
Characteristics
Table 1. Absolute maximum ratings Tamb = 25 °C
Symbol
Parameter
Value
Unit
VPP
(1)
Peak pulse voltage
ISO 10605 - C = 150 pF, R = 330
Ω
contact discharge
air discharge
ISO 10605 - C = 330 pF, R = 330
Ω
contact discharge
air discharge
15
30
15
30
kV
Ipp
Peak pulse current (8/20 µs)
3
A
Tj
Operating junction temperature range
-40 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead solder temperature (10 s duration)
260
°C
1. For a surge greater than the maximum values, the diode will fail in short-circuit.
Table 2. Electrical characteristics Tamb = 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
6
V
IR
Leakage current
VR = 5 V
150
nA
VR = 3 V
100
VCL
Clamping voltage
ISO 10605 - C = 150 pF, R = 330
Ω
+8 kV contact discharge, measured
at 30 ns
18
V
CI/O - GND
Capacitance (input/output
to ground)
VI/O = 0 V, F = 200 to 3000 MHz,
VOSC = 30 mV
0.6
0.85
pF
ΔCI/O - GND
Capacitance variation
(input/output to ground)
VI/O = 0 V F = 200 to 3000 MHz,
VOSC = 30 mV
0.03
0.08
pF
fC
Cut-off frequency
-3 dB
5.5
GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com