Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-2Y Datasheet (PDF) - STMicroelectronics

HSP061-2Y Datasheet PDF - STMicroelectronics
Part # HSP061-2Y
Download  HSP061-2Y Download
File Size   319.3 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 2-line ESD protection for high speed lines

HSP061-2Y Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP061-2Y Datasheet PDF - STMicroelectronics

Part # HSP061-2Y
Download  HSP061-2Y Click to download

File Size   319.3 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 2-line ESD protection for high speed lines

HSP061-2Y Datasheet (HTML) - STMicroelectronics


HSP061-2Y Product details

Description
The HSP061-2Y is a 2-channel ESD array with a rail to rail architecture designed specifically for the protection of high speed differential lines.
The ultralow variation of the capacitance ensures very low influence on signal-skew. The large bandwidth makes it compatible with 5 Gbps.

Features
• Flow-through routing to keep signal integrity
• Ultralarge bandwidth: 6 GHz
• Ultralow capacitance: 0.6 pF
• Low leakage current: 100 nA at 25 °C
• Extended operating junction temperature range: -40 °C to 150 °C
• RoHS compliant
• AEC-Q101 qualified

Benefits
• High ESD robustness of the equipment
• Suitable for high density boards

Applications
The HSP061-2Y is designed to protect against electrostatic discharge on automotive circuits driving:
• APIX
• LVDS
• HDMI 1.3 and 1.4
• Ethernet
• Digital Video Interface
• Display Port
• USB 3.0
• Serial ATA
• High speed communication buses
• HMI




Similar Part No. - HSP061-2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
logo
TECH PUBLIC Electronics...
HSP061-2M6 TECHPUBLIC-HSP061-2M6 Datasheet
1Mb / 4P
Low-Capacitance 2-Channel double Rail-to-Rail ESD-Protection
logo
STMicroelectronics
HSP061-2N4 STMICROELECTRONICS-HSP061-2N4 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
More results


Similar Description - HSP061-2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
4-line ESD protection for high speed lines
31-Oct-2013
HSP051-2W3Y STMICROELECTRONICS-HSP051-2W3Y Datasheet
776Kb / 12P
Automotive 2-line ESD protection for high speed lines
10-Jul-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com