Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-2Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # HSP061-2Y
Description  Automotive 2-line ESD protection for high speed lines
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2Y Datasheet(HTML) 3 Page - STMicroelectronics

  HSP061-2Y Datasheet HTML 1Page - STMicroelectronics HSP061-2Y Datasheet HTML 2Page - STMicroelectronics HSP061-2Y Datasheet HTML 3Page - STMicroelectronics HSP061-2Y Datasheet HTML 4Page - STMicroelectronics HSP061-2Y Datasheet HTML 5Page - STMicroelectronics HSP061-2Y Datasheet HTML 6Page - STMicroelectronics HSP061-2Y Datasheet HTML 7Page - STMicroelectronics HSP061-2Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID024471 Rev 2
3/8
HSP061-2Y
Characteristics
Figure 4. Eye diagram - HDMI mask at 3.4 Gbps per channel
Figure 2. Leakage current versus junction
temperature (typical values)
Figure 3. S21 attenuation measurement
Tj (°C)
0.01
0.10
1.00
10.00
25
50
75
100
125
150
IR (nA)
V
R =VRM = 3 V
S21(db)
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-16.00
-12.00
-8.00
-4.00
0.00
F(Hz)
250 mV/div
49 ps/div
Figure 5. ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 6. ESD response to IEC 61000-4-2
(-8 kV contact discharge)
20 ns/div
50 V/div
20 ns/div
50 V/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com