Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP051-2W3Y Datasheet (PDF) - STMicroelectronics

HSP051-2W3Y Datasheet PDF - STMicroelectronics
Part # HSP051-2W3Y
Download  HSP051-2W3Y Download
File Size   776.67 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 2-line ESD protection for high speed lines

HSP051-2W3Y Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP051-2W3Y Datasheet PDF - STMicroelectronics

Part # HSP051-2W3Y
Download  HSP051-2W3Y Click to download

File Size   776.67 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 2-line ESD protection for high speed lines

HSP051-2W3Y Datasheet (HTML) - STMicroelectronics


HSP051-2W3Y Product details

Features
• AEC-Q101 qualified
• Flow-through routing to keep signal integrity
• Ultra large bandwidth: 3 GHz
• Ultra low capacitance: 0.7 pF
• Extended operating junction temperature range: -40 °C to 150 °C
• RoHS compliant
• Complies with ISO 10605 - C = 150 pF, R = 330 Ω exceeds level 4
– ±12 kV (contact discharge)
– ±15 kV (air discharge)
• Complies with ISO 10605 - C = 330 pF, R = 330 Ω
– ±8 kV (contact discharge)
– ±12 kV (air discharge)

Description
The HSP051-2W3Y is an ESD array designed for high-speed differential lines
protection.
The ultralow capacitance variation ensures negligible influence on signal-skew.

Application
The HSP051-2W3Y is designed to protect against electrostatic discharge on
automotive circuits such as:
• APIX
• LVDS & digital video interface
• Ethernet and BroadrReach
• USB 2.0 and USB 3.0
• High speed communication buses




Similar Part No. - HSP051-2W3Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
4-line ESD protection for high speed lines
07-Nov-2022
logo
TECH PUBLIC Electronics...
HSP051-4M5-TP TECHPUBLIC-HSP051-4M5-TP Datasheet
2Mb / 4P
Ultra-Low Capacitance TVS Diode
logo
STMicroelectronics
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
More results


Similar Description - HSP051-2W3Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP061-2Y STMICROELECTRONICS-HSP061-2Y Datasheet
319Kb / 8P
Automotive 2-line ESD protection for high speed lines
19-Nov-2014
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
4-line ESD protection for high speed lines
31-Oct-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com