Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2012D2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments TPA2012D2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
0.1
1
20
100
1 k
10 k
20 k
f − Frequency − Hz
VDD = 5 V,
RL = 8 W,
CI = 1 mF,
AV = 6 dB
0.01
380 mW
775 mW
1.16 W
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 3.6 V,
RL = 8 W,
CI = 1 mF,
AV = 6 dB
0.01
190 mW
375 mW
560 mW
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V,
RL = 4 W,
CI = 1 mF,
AV = 6 dB
0.01
550 mW
1.1 W
1.65 W
−100
−90
−80
−70
−60
−50
−40
−30
100
1 k
10 k
Inputs AC, Grounded,
CI = 1 mF,
RI = 4 W,
AV = 6 dB
VDD = 2.7 V
VDD = 5 V
VDD = 3.6 V
f − Frequency − Hz
20 k
20
−120
−100
−80
−60
−40
−20
0
100
1 k
10 k
f − Frequency − Hz
2.5 V R to L
2.5 V L to R
3.6 V L to R
3.6 V R to L
5 V R to L
5 V L to R
20 k
20
RI = 4 W
−140
−120
−100
−80
−60
−40
−20
0
100
1 k
10 k
f − Frequency − Hz
2.5 V R to L
5 V R to L
3.6 V R to L
5 V L to R
3.6 V L to R
RI = 8 W
20 k
20
2.5 V L to R
TPA2012D2
SLOS438 – DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
POWER SUPPLY
CROSSTALK
CROSSTALK
REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com