Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2012D2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 2 Page - Texas Instruments

  TPA2012D2 Datasheet HTML 1Page - Texas Instruments TPA2012D2 Datasheet HTML 2Page - Texas Instruments TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPA2012D2
SLOS438 – DECEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
TA
PACKAGE
PART NUMBER
SYMBOL
2 mm x 2 mm WCSP (YZH)
TPA2012D2YZH
AKR
-40
°C to 85°C
4 mm x 4 mm, 20 pin QFN (RTJ)
TPA2012D2RTJ
AKS
over operating free-air temperature (unless otherwise noted)(1)
UNITS
In active mode
-0.3 V to 6.0 V
VSS
Supply voltage, AVDD, PVDD
In shutdown mode
-0.3 V to 7.0 V
VI
Input voltage
-0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
- 40
°C to 85°C
TJ
Operating junction temperature range
- 40
°C to 150°C
Tstg
Storage temperature range
-65
°C to 85°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA = 25°C
TA = 75°C
TA = 85°C
PACKAGE
Derating Factor
POWER RATING(1)
POWER RATING
POWER RATING
RTJ
5.2 W
41.6 mW/
°C
3.12 W
2.7 W
YZH(2)
TBD
TBD
TBD
TBD
(1)
This data was taken using 2 oz trace and copper pad that is soldered directly to a JEDEC standard 4–layer 3 in
× 3 in PCB.
(2)
Product preview
MIN
MAX
UNIT
VSS
Supply voltage
AVDD, PVDD
2.5
5.5
V
VIH
High-level input voltage
SDL, SDR, G0, G1
1.3
V
VIL
Low-level input voltage
SDL, SDR, G0, G1
0.35
V
TA
Operating free-air temperature
- 40
85
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com