Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2012D2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2012D2 Datasheet HTML 1Page - Texas Instruments TPA2012D2 Datasheet HTML 2Page - Texas Instruments TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA2012D2
SLOS438 – DECEMBER 2004
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage
Inputs ac grounded, AV = 6 dB,
|VOO|
5
25
mV
(measured differentially)
VDD = 2.5 to 5.5 V
Power supply rejection
PSRR
VDD = 2.5 to 5.5 V
-75
-55
dB
ratio
Common-mode input
Vicm
0.5
VDD-0.8
V
voltage
Common-mode rejection Inputs shorted together,
CMRR
-69
-50
dB
ration
VDD = 2.5 to 5.5 V
|IIH|
High-level input current
VDD = 5.5 V, VI = VDD
50
µA
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0 V
5
µA
VDD = 5.5 V, No load
6
9
VDD = 3.6 V, No load
5
7.5
mA
IDD
Supply current
VDD = 2.5 V, No load
4
6
Shutdown mode
1.5
µA
VDD = 5.5 V
500
Static drain-source
rDS(on)
VDD = 3.6 V
570
m
Ω
on-state resistance
VDD = 2.5 V
700
Output impedance in
V(SDR, SDL)= 0.35 V
2
k
Ω
shutdown mode
f(sw)
Switching frequency
VDD = 2.5 V to 5.5 V
250
300
350
kHz
G0, G1 = 0.35 V
5.5
6
6.5
G0 = VDD, G1 = 0.35 V
11.5
12
12.5
Closed-loop voltage gain
dB
G0 = 0.35 V, G1 = VDD
17.5
18
18.5
G0, G1 = VDD
23.5
24
24.5
T
A = 25°C, RL = 8 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5.0 V, f = 1 kHz, THD = 10%
1.4
RL = 8 Ω
PO
Output power (per channel)
VDD = 3.6 V, f = 1 kHz, THD = 10%
0.72
W
RL = 4 Ω
VDD = 5.0 V, f = 1 kHz, THD = 10%
2.1
PO = 1 W, VDD = 5 V, AV = 6 dB
f = 1 kHz
0.14%
Total harmonic distortion plus
THD+N
noise
PO = 0.5 W, VDD = 5 V, AV = 6 dB
f = 1 kHz
0.11%
Channel crosstalk
f = 1 kHz
-85
dB
VDD = 5 V, AV = 6 dB
f = 217 Hz
-77
kSVR
Supply ripple rejection ratio
dB
VDD = 3.6 V, AV = 6 dB
f = 217 Hz
-73
CMRR
Common mode rejection ratio
VDD = 3.6 V, VIC = 1 Vpp
f = 217 Hz
-69
dB
Av = 6 dB
28.1
Av = 12 dB
17.3
Input impedance
k
Ω
Av = 18 dB
9.8
Av = 24 dB
5.2
Start-up time from shutdown
VDD = 3.6 V
3.5
ms
No weighting
35
VDD = 3.6 V, f = 20 to 20 kHz,
Vn
Output voltage noise
µV
Inputs are ac grounded, AV = 6 dB
A weighting
27
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com