Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2012D2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments TPA2012D2 Datasheet HTML 11Page - Texas Instruments TPA2012D2 Datasheet HTML 12Page - Texas Instruments TPA2012D2 Datasheet HTML 13Page - Texas Instruments TPA2012D2 Datasheet HTML 14Page - Texas Instruments TPA2012D2 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
Trace Width
EFFICIENCY AND THERMAL INFORMATION
q
JA
+
1
Derating Factor
+
1
0.041
+ 24
°C W
(3)
T
A
Max + TJMax * qJAPDmax + 150 * 24 (1.5) + 114°C
(4)
FILTER FREE OPERATION AND FERRITE BEAD FILTERS
1 nF
Ferrite
Chip Bead
OUTP
OUTN
Ferrite
Chip Bead
1 nF
TPA2012D2
SLOS438 – DECEMBER 2004
Recommended trace width at the solder balls is 75 µm to 100 µm to prevent solder wicking onto wider PCB
traces.
For high current pins (PVDD, PGND, and audio output pins) of the TPA2012D2, use 100-µm trace widths at the
solder balls and at least 500-µm PCB traces to ensure proper performance and output power for the device.
For the remaining signals of the TPA2012D2, use 75-µm to 100-µm trace widths at the solder balls. The audio
input pins (INR+/- and INL+/-) must run side-by-side to maximize common-mode noise cancellation.
The maximum ambient temperature depends on the heat-sinking ability of the PCB system. The derating factor
for the packages are shown in the dissipation rating table. Converting this to
θ
JA for the QFN package:
Given
θ
JA of 24°C/W, the maximum allowable junction temperature of 150°C, and the maximum internal
dissipation of 1.5W (0.75 W per channel) for 2.1 W per channel, 4-
Ω load, 5-V supply, from Figure 3, the
maximum ambient temperature can be calculated with the following equation.
Equation 4 shows that the calculated maximum ambient temperature is 114
°C at maximum power dissipation
with a 5-V supply and 4-
Ω a load. The TPA2012D2 is designed with thermal protection that turns the device off
when the junction temperature surpasses 150
°C to prevent damage to the IC. Also, using speakers more
resistive than 4-
Ω dramatically increases the thermal performance by reducing the output current and increasing
the efficiency of the amplifier.
A ferrite bead filter can often be used if the design is failing radiated emissions without an LC filter and the
frequency sensitive circuit is greater than 1 MHz. This filter functions well for circuits that just have to pass FCC
and CE because FCC and CE only test radiated emissions greater than 30 MHz. When choosing a ferrite bead,
choose one with high impedance at high frequencies, and very low impedance at low frequencies. In addition,
select a ferrite bead with adequate current rating to prevent distortion of the output signal.
Use an LC output filter if there are low frequency (< 1 MHz) EMI sensitive circuits and/or there are long leads
from amplifier to speaker.
Figure 34 shows typical ferrite bead and LC output filters.
Figure 34. Typical Ferrite Chip Bead Filter (Chip bead example: TDK: MPZ1608S221A)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com