Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABEL Datasheet(PDF) 71 Page - Delta Electronics, Inc.

Part # LABEL
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LABEL Datasheet(HTML) 71 Page - Delta Electronics, Inc.

Back Button LABEL Datasheet HTML 67Page - Delta Electronics, Inc. LABEL Datasheet HTML 68Page - Delta Electronics, Inc. LABEL Datasheet HTML 69Page - Delta Electronics, Inc. LABEL Datasheet HTML 70Page - Delta Electronics, Inc. LABEL Datasheet HTML 71Page - Delta Electronics, Inc. LABEL Datasheet HTML 72Page - Delta Electronics, Inc. LABEL Datasheet HTML 73Page - Delta Electronics, Inc. LABEL Datasheet HTML 74Page - Delta Electronics, Inc. LABEL Datasheet HTML 75Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
頁數(Page): 4 of 11
號碼(No.) : CE/2015/53008
日期(Date) : 2015/05/20
SIL-MORE INDUSTRIAL LTD.
測試報告
Test Report
新北市三重區興德路100號16樓
16F, NO. 100, XINGDE RD., SANCHONG DISTRICT, NEW TAIPEI CITY 24158, TAIWAN
喬越實業有限公司
*CE/2015/53008*
No.1
5
n.d.
-
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
-
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
5
n.d.
測試項目
(Test Items)
單位
(Unit)
測試方法
(Method)
方法偵測
極限值
(MDL)
結果 (Result)
多溴聯苯總和 / Sum of PBBs
mg/kg
參考IEC 62321: 2008方法, 以氣相層
析/質譜儀檢測. / With reference to
IEC 62321: 2008 method. Analysis
was performed by GC/MS.
一溴聯苯 / Monobromobiphenyl
mg/kg
二溴聯苯 / Dibromobiphenyl
mg/kg
九溴聯苯 / Nonabromobiphenyl
mg/kg
十溴聯苯 / Decabromobiphenyl
mg/kg
參考IEC 62321: 2008方法, 以氣相層
析/質譜儀檢測. / With reference to
IEC 62321: 2008 and performed by
GC/MS.
六溴聯苯醚 / Hexabromodiphenyl ether
mg/kg
七溴聯苯醚 / Heptabromodiphenyl ether
mg/kg
八溴聯苯醚 / Octabromodiphenyl ether
mg/kg
三溴聯苯醚 / Tribromodiphenyl ether
mg/kg
四溴聯苯醚 / Tetrabromodiphenyl ether
mg/kg
五溴聯苯醚 / Pentabromodiphenyl ether
mg/kg
多溴聯苯醚總和 / Sum of PBDEs
mg/kg
一溴聯苯醚 / Monobromodiphenyl ether
mg/kg
二溴聯苯醚 / Dibromodiphenyl ether
mg/kg
六溴聯苯 / Hexabromobiphenyl
mg/kg
七溴聯苯 / Heptabromobiphenyl
mg/kg
八溴聯苯 / Octabromobiphenyl
mg/kg
三溴聯苯 / Tribromobiphenyl
mg/kg
四溴聯苯 / Tetrabromobiphenyl
mg/kg
五溴聯苯 / Pentabromobiphenyl
mg/kg
六溴環十二烷及所有主要被辨別出的異構
物 / Hexabromocyclododecane (HBCDD)
and all major diastereoisomers
identified (α- HBCDD, β- HBCDD,
γ- HBCDD) (CAS No.: 25637-99-4 and
3194-55-6 (134237-51-7, 134237-50-6,
134237-52-8))
mg/kg
九溴聯苯醚 / Nonabromodiphenyl ether
mg/kg
十溴聯苯醚 / Decabromodiphenyl ether
mg/kg
33, Wu Chuan Rd., New Taipei Industrial Park, New Taipei City, Taiwan /
新北市新北產業園區五權路33號
t+886 (02)2299 3279 f+886 (02)2299 3237
www.sgs.tw
Member of the SGS Group
SGS Taiwan Ltd.
台灣檢驗科技股份有限公司
This document is issued by the Company subject to its General Conditions of Service printed overleaf, available on request or accessible at http://www.sgs.com/en/Terms-and-Conditions.aspx
and, for electronic format documents, subject to Terms and Conditions for Electronic Documents at http://www.sgs.com/en/Terms-and-Conditions/Termse-Document.aspx. Attention is
drawn to the limitation of liability, indemnification and jurisdiction issues defined therein. Any holder of this document is advised that information contained hereon reflects the Company’s
findings at the time of its intervention only and within the limits of client’s instruction, if any. The Company’s sole responsibility is to its Client and this document does not exonerate parties
to a transaction from exercising all their rights and obligations under the transaction documents. This document cannot be reproduced, except in full, without prior written approval of the
Company. Any unauthorized alteration, forgery or falsification of the content or appearance of this document is unlawful and offenders may be prosecuted to the fullest extent of the law.
Unless otherwise stated the results shown in this test report refer only to the sample(s) tested.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com