Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABEL Datasheet(PDF) 62 Page - Delta Electronics, Inc.

Part # LABEL
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LABEL Datasheet(HTML) 62 Page - Delta Electronics, Inc.

Back Button LABEL Datasheet HTML 58Page - Delta Electronics, Inc. LABEL Datasheet HTML 59Page - Delta Electronics, Inc. LABEL Datasheet HTML 60Page - Delta Electronics, Inc. LABEL Datasheet HTML 61Page - Delta Electronics, Inc. LABEL Datasheet HTML 62Page - Delta Electronics, Inc. LABEL Datasheet HTML 63Page - Delta Electronics, Inc. LABEL Datasheet HTML 64Page - Delta Electronics, Inc. LABEL Datasheet HTML 65Page - Delta Electronics, Inc. LABEL Datasheet HTML 66Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
Report No.
Test Report
SCL01H013155001
Page 2 of 7
Test Method
Test Item(s)
Measured
Equipment(s)
Test Method
Lead (Pb)
ICP-OES
IEC 62321-5:2013 Ed.1.0
Cadmium (Cd)
ICP-OES
IEC 62321-5:2013 Ed.1.0
Mercury (Hg)
ICP-OES
IEC 62321-4:2013 Ed.1.0
Hexavalent Chromium(Cr(VI))
UV-Vis
IEC 62321:2008 Ed.1 Annex C
Polybrominated Biphenyl(PBBs)
GC-MS
IEC 62321:2008 Ed.1 Annex A
Polybrominated Diphenyl Ethers(PBDEs)
GC-MS
IEC 62321:2008 Ed.1 Annex A
Fluorine(F)
IC
Refer to BS EN 14582:2007
Chlorine(Cl)
IC
Refer to BS EN 14582:2007
Bromine(Br)
IC
Refer to BS EN 14582:2007
Iodine(I)
IC
Refer to BS EN 14582:2007
Hexabromocyclododecane (HBCDD)
GC-MS
Refer to US EPA 3540C:1996 & US
EPA 8270D:2007
Phthalates
GC-MS
Refer to EN 14372:2004(E)
Test Result(s)
Tested Item(s)
Result
MDL
N.D.
Lead (Pb)
2 mg/kg
N.D.
Cadmium (Cd)
2 mg/kg
N.D.
Mercury (Hg)
2 mg/kg
N.D.
Hexavalent Chromium (Cr(VI))
2 mg/kg
Tested Item(s)
Result
MDL
Polybrominated Biphenyl(PBBs)
N.D.
Monobromobiphenyl
5 mg/kg
N.D.
Dibromobiphenyl
5 mg/kg
N.D.
Tribromobiphenyl
5 mg/kg
N.D.
Tetrabromobiphenyl
5 mg/kg
N.D.
Pentabromobiphenyl
5 mg/kg
N.D.
Hexabromobiphenyl
5 mg/kg
N.D.
Heptabromobiphenyl
5 mg/kg
N.D.
Octabromobiphenyl
5 mg/kg
N.D.
Nonabromobiphenyl
5 mg/kg
N.D.
Decabromobiphenyl
5 mg/kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com