Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABEL Datasheet(PDF) 46 Page - Delta Electronics, Inc.

Part # LABEL
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LABEL Datasheet(HTML) 46 Page - Delta Electronics, Inc.

Back Button LABEL Datasheet HTML 42Page - Delta Electronics, Inc. LABEL Datasheet HTML 43Page - Delta Electronics, Inc. LABEL Datasheet HTML 44Page - Delta Electronics, Inc. LABEL Datasheet HTML 45Page - Delta Electronics, Inc. LABEL Datasheet HTML 46Page - Delta Electronics, Inc. LABEL Datasheet HTML 47Page - Delta Electronics, Inc. LABEL Datasheet HTML 48Page - Delta Electronics, Inc. LABEL Datasheet HTML 49Page - Delta Electronics, Inc. LABEL Datasheet HTML 50Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
Page: 1 of 2
RoHS_L_03_10_G_Resin(Version-3).doc
01-March-2010
Dear Valued Customer,
Subject: Status of our products with respect to RoHS Directive
2002/95/EC (and its amendments)
Thank you for using SABIC INNOVATIVE PLASTICS’ products.
With reference to your request for the information regarding status of our Products
with respect to the RoHS Directive 2002/95/EC (and its amendments), SABIC
INNOVATIVE PLASTICS can provide following information:
The CYCOLAC*, CYCOLOY*, EXTEM*, GELOY*, LEXAN*, NORYL*, NORYL
GTX*, NORYL PPX*, ULTEM*, VALOX*, XENOY*, XYLEX* resins and,
COLORCOMP*,
FARADEX*,
KONDUIT*,
LUBRICOMP*,
LUBRILOY*,
STARAMIDE*
STARFLAM*,
STAT-KON*,
STAT-LOY*,
THERMOCOMP*,
THERMOTUF*, VERTON* compounds [all existing grade-colors, except those
which are designed to consume Post Consumer Recycle (PCR)] do not
contain any chemicals listed below as intentionally added components or as
expected process impurities [above threshold limits of 0.1% for Lead,
Mercury, Hexavalent Chromium, PBB and PBDE, and 0.01% for Cadmium]
•
Cadmium and its compounds
•
Lead and its compounds
•
Mercury and its compounds
•
Hexavalent Chromium compounds
•
Polybrominated biphenyls (PBBs)
•
Polybrominated diphenyl ethers (PBDEs including Deca-BDE)
Please note that analysis of the raw materials and/or finished goods for presence of
the above mentioned substances on a routine basis is neither a part of our quality
control plan, nor is a part of the SABIC-IP product specifications, and hence it
should not be construed as any warranty, expressed or implied.
Please be informed that, certain SABIC-IP products are designed to consume PCR
for environmental waste reduction. The details about use of the PCR, if any, are
stated in the respective MSDS. Please contact our Customer Service or Product
Stewardship team to request information regarding the chemical compliance
attributes of these products, which may differ from those contained in this letter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com