Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABEL Datasheet(PDF) 51 Page - Delta Electronics, Inc.

Part # LABEL
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LABEL Datasheet(HTML) 51 Page - Delta Electronics, Inc.

Back Button LABEL Datasheet HTML 47Page - Delta Electronics, Inc. LABEL Datasheet HTML 48Page - Delta Electronics, Inc. LABEL Datasheet HTML 49Page - Delta Electronics, Inc. LABEL Datasheet HTML 50Page - Delta Electronics, Inc. LABEL Datasheet HTML 51Page - Delta Electronics, Inc. LABEL Datasheet HTML 52Page - Delta Electronics, Inc. LABEL Datasheet HTML 53Page - Delta Electronics, Inc. LABEL Datasheet HTML 54Page - Delta Electronics, Inc. LABEL Datasheet HTML 55Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
Test Report.
No. CANEC1517788106
Date: 22 Oct 2015 .
Page 4 of 8.
Test Item(s).
Limit.
Unit.
MDL.
006.
Dibromodiphenyl ether .
-
mg/kg.
5
ND
Tribromodiphenyl ether .
-
mg/kg.
5
ND
Tetrabromodiphenyl ether .
-
mg/kg.
5
ND
Pentabromodiphenyl ether .
-
mg/kg.
5
ND
Hexabromodiphenyl ether .
-
mg/kg.
5
ND
Heptabromodiphenyl ether .
-
mg/kg.
5
ND
Octabromodiphenyl ether .
-
mg/kg.
5
ND
Nonabromodiphenyl ether .
-
mg/kg.
5
ND
Decabromodiphenyl ether .
-
mg/kg.
5
ND
Dibutyl phthalate (DBP) .
1,000
mg/kg.
30
ND
Butyl benzyl phthalate (BBP) .
1,000
mg/kg.
30
ND
Bis (2-ethylhexyl) phthalate (DEHP) .
1,000
mg/kg.
30
ND
Diisobutyl Phthalates (DIBP) .
1,000
mg/kg.
30
ND
Notes :.
(1) The maximum permissible limit is quoted from RoHS Directive (EU) 2015/863. .
Halogen.
Test Method :. With reference to EN 14582: 2007, analysis was performed by Ion Chromatograph (IC). .
Test Item(s).
Unit.
MDL.
006.
Fluorine (F).
mg/kg.
50
ND
Chlorine (Cl).
mg/kg.
50
ND
Bromine (Br).
mg/kg.
50
ND
Iodine (I).
mg/kg.
50
ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com