Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABSTEB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9975ABSTEB
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABSTEB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9975ABSTEB Datasheet HTML 4Page - Analog Devices AD9975ABSTEB Datasheet HTML 5Page - Analog Devices AD9975ABSTEB Datasheet HTML 6Page - Analog Devices AD9975ABSTEB Datasheet HTML 7Page - Analog Devices AD9975ABSTEB Datasheet HTML 8Page - Analog Devices AD9975ABSTEB Datasheet HTML 9Page - Analog Devices AD9975ABSTEB Datasheet HTML 10Page - Analog Devices AD9975ABSTEB Datasheet HTML 11Page - Analog Devices AD9975ABSTEB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
–8–
AD9975
FREQUENCY – MHz
10
10.003
10.005
10.007
10.009
10.011
10.013
–20
–60
–80
–100
0
–10
–40
–70
–90
10.004
10.006
10.008
10.010
10.012
–50
–30
TPC 7. Phase Noise Plot @fDATA 50 MSPS,
fOUT = 10 MHz, 2
× LPF
FREQUENCY – MHz
10
3
–30
–50
–70
–10
–40
–60
–20
0
579
11
13
15
17
19
21
23
TPC 8. “In-Band” Multitone Spectral Plot
@fDATA = 50 MSPS, fOUT = k
× 195 kHz, 2 × LPF
FREQUENCY – MHz
10
1
–30
–50
–70
–10
–40
–60
–20
0
11
21
31
41
51
61
71
81
91
101
TPC 9. “Wide-Band” Multitone Spectral Plot
@fDATA = 50 MSPS, fOUT = k
× 195 kHz, 2 × LPF
TUNING TARGET – Decimal
35
30
192
25
20
208
224
240
255
TPC 10. FC vs. Tuning Target, FADC = 50 MHz,
LPF = Wideband Rx Filter
TUNING TARGET – Decimal
20
18
192
12
10
208
224
240
255
16
14
TPC 11. FC vs. Tuning Target, FADC = 50 MHz,
LPF = Narrowband Rx Filter
0.60
–6
–0.20
–0.80
0.20
–0.60
0
0.40
–0.40
36
VGA GAIN – dB
–4 –2 02468 10 12 14 16 18 20 22 24 26 28 30 32 34
TPC 12. PGA Gain Error vs. Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com