Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABSTEB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9975ABSTEB
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABSTEB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9975ABSTEB Datasheet HTML 12Page - Analog Devices AD9975ABSTEB Datasheet HTML 13Page - Analog Devices AD9975ABSTEB Datasheet HTML 14Page - Analog Devices AD9975ABSTEB Datasheet HTML 15Page - Analog Devices AD9975ABSTEB Datasheet HTML 16Page - Analog Devices AD9975ABSTEB Datasheet HTML 17Page - Analog Devices AD9975ABSTEB Datasheet HTML 18Page - Analog Devices AD9975ABSTEB Datasheet HTML 19Page - Analog Devices AD9975ABSTEB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
–16–
AD9975
INSTRUCTION BIT n
INSTRUCTION BIT n–1
SCLK
SDATA
tDV
Figure 6. Timing Diagram Register Read from AD9975
MSB/LSB Transfers
The AD9975 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. The
bit order is controlled by the SPI LSB First Bit (Register 0, Bit 6).
The default value is 0, MSB first. Multibyte data transfers in
MSB format can be completed by writing an instruction byte
that includes the register address of the last address to be accessed.
The AD9975 will automatically decrement the address for each
successive byte required for the multibyte communication cycle.
When the SPI LSB First Bit (Register 0, Bit 6) is set high, the
serial port interprets both instruction and data bytes LSB first.
Multibyte data transfers in LSB format can be completed by
writing an instruction byte that includes the register address of
the first address to be accessed. The AD9975 will automatically
increment the address for each successive byte required for the
multibyte communication cycle.
Figures 7a and 7b show how the serial port words are built for
each of these modes.
SCLK
SDATA
SENABLE
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
R/W
I6(n) I5(n) I4
I3
I2
I1
I0
D7n D6n
D6n D7n
Figure 7a. Serial Register Interface Timing MSB First
SCLK
SDATA
SENABLE
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
I0
I1
I2
I3
I4
I5(n) I6(n)
D00 D10 D20
D6n D7n
R/W
Figure 7b. Serial Register Interface Timing LSB First
Notes on Serial Port Operation
The serial port is disabled and all registers are set to their default
values during a hardware reset. During a software reset, all regis-
ters except Register 0 are set to their default values. Register 0
will remain at the last value sent, with the exception that the
Software Reset Bit will be set to 0.
Table V. Register Layout
Address
Default
(hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(hex)
Type
00
Select 4-Wire LSB/MSB
Software
00
R/W
SPORT
First
Reset
01
Power-
Power-
Power-Down Power-Down Power-
Power-Down 00
R/W
Down
Down
Interpolators RX Reference Down ADC Receive Filter
PLL-A
DAC
and SPGA
and CPGA
02
00
R/W
03
ADC Clock
PLL-A (xL)
01
R/W
Source
Multiplier [1:0]
OSC IN/2
04
RX LPF
RX LPF
RX Path
RX Digital Fast ADC
Wideband RX Enable
RX LPF
01
R/W
Tuning
Tuning
DC Offset HPF
Sampling
LPF
1-Pole
Bypass
Update
Update in
Correction Bypass
RX LPF
Disable
Progress
05
RX LPF Filter Tuning Target [7:0]
80
R/W
06
RXBOOST
RXBOOST PGA Gain
RX PGA Gain [4:0]
00
R/W
Active Low
Setting
through
Register
07
TX Interpolation Filter Select
Sample TX TX Data
10
R/W
on Falling
Input Twos
TXCLKIN Complement
08
CLK-B Equal CLK-A
CLK-B
CLK-A
Three-State
ADC Output RX Data
00
R/W
to OSC IN/4
Equal
Output
Output
RX Port
on Falling
Output Twos
to OSC IN Disable
Disable
RXCLK
Complement
0F
Version [3:0]
00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com