Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABSTEB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9975ABSTEB
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABSTEB Datasheet(HTML) 1 Page - Analog Devices

  AD9975ABSTEB Datasheet HTML 1Page - Analog Devices AD9975ABSTEB Datasheet HTML 2Page - Analog Devices AD9975ABSTEB Datasheet HTML 3Page - Analog Devices AD9975ABSTEB Datasheet HTML 4Page - Analog Devices AD9975ABSTEB Datasheet HTML 5Page - Analog Devices AD9975ABSTEB Datasheet HTML 6Page - Analog Devices AD9975ABSTEB Datasheet HTML 7Page - Analog Devices AD9975ABSTEB Datasheet HTML 8Page - Analog Devices AD9975ABSTEB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD9975
Broadband Modem
Mixed-Signal Front End
FEATURES
Low Cost, 3.3 V-CMOS, Mixed Signal, Front End
Converter for Broadband Modems
10-Bit D/A Converter (TxDAC+
®)
50 MSPS Input Word Rate
2
Interpolating Low-Pass Transmit Filter
100 MSPS DAC Output Update Rate
Wide (21 MHz) Transmit Bandwidth
Power-Down Modes
10-Bit, 50 MSPS A/D Converter
Fourth Order LPF with Selectable Cutoff Frequency
Dual Mode Programmable Gain Amplifier
Internal Clock Multiplier (PLL)
Two Auxiliary Clock Outputs
48-Lead LQFP Package
APPLICATIONS
Powerline Networking
Home Phone Networking
FUNCTIONAL BLOCK DIAGRAM
TXEN
RXEN
TXCLK
RXCLK
ADIO[9:0]
SPORT
OSCIN
XTAL
AD9975
PGA
LPF
PGA
ADC
REGISTER
CONTROL
3
3
10
CLK-GEN
TxDAC+
K
10
10
AGC[2:0]
TX+
TX–
CLK1
CLK2
RX+
RX–
GENERAL DESCRIPTION
The AD9975 is a single-supply, broadband modem, mixed
signal, front end (MxFE™) IC. The device contains a transmit
path interpolation filter and DAC and a receive path PGA,
LPF, and ADC required for a variety of broadband modem
applications. Also on-chip is a PLL clock multiplier that pro-
vides all required clocks from a single crystal or clock input.
The TxDAC+ uses a digital 2
× interpolation low-pass filter to
oversample the transmit data and ease the complexity of analog
reconstruction filtering. The transmit path bandwidth is 21 MHz
when sampled at 100 MSPS. The 10-bit DAC provides differen-
tial current outputs. The DAC full-scale current can be adjusted
from 2 to 20 mA by a single resistor, providing 20 dB of additional
gain range.
The receive path consists of a PGA, LPF, and ADC. The program-
mable gain amplifier (PGA) has two modes of operation. One
mode allows programming through the serial port and provides a
gain range from –6 dB to +36 dB in 2 dB steps. The other mode
allows the gain to be controlled through an asynchronous 3-pin
port and offers a gain range from 0 dB to 48 dB in 8 dB steps
with the use of an external gain stage. The receive path LPF
cutoff frequency can be selected to either 12 MHz or 26 MHz.
The filter cutoff frequency can also be tuned or bypassed where
filter requirements differ. The 10-bit ADC uses a multistage
differential pipeline architecture to achieve excellent dynamic
performance with low power consumption.
The digital transmit and receive ports are multiplexed onto a
10-bit databus and have individual TX/RX clocks and TX/RX
enable lines. This interface connects directly to Homelug 1.0
PHY/MAC chips from Intellon and Conexant.
The AD9975 is available in a space-saving 48-lead LQFP pack-
age. The device is specified over the commercial (–40
°C to
+85
°C) temperature range.
TxDAC+ is a registered trademark and MxFE is a trademark of Analog Devices, Inc.


Similar Part No. - AD9975ABSTEB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV. 0
More results

Similar Description - AD9975ABSTEB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9875 AD-AD9875 Datasheet
288Kb / 24P
Broadband Modem Mixed-Signal Front End
REV.0
AD9876 AD-AD9876 Datasheet
666Kb / 24P
Broadband Modem Mixed-Signal Front End
10/02-Data Sheet changed from REV. 0 to REV. A.
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
Broadband Modem Mixed-Signal Front End
REV. A
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
AD9869 AD-AD9869_17 Datasheet
561Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com