Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9975ABSTEB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9975ABSTEB
Description  Broadband Modem Mixed-Signal Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9975ABSTEB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9975ABSTEB Datasheet HTML 5Page - Analog Devices AD9975ABSTEB Datasheet HTML 6Page - Analog Devices AD9975ABSTEB Datasheet HTML 7Page - Analog Devices AD9975ABSTEB Datasheet HTML 8Page - Analog Devices AD9975ABSTEB Datasheet HTML 9Page - Analog Devices AD9975ABSTEB Datasheet HTML 10Page - Analog Devices AD9975ABSTEB Datasheet HTML 11Page - Analog Devices AD9975ABSTEB Datasheet HTML 12Page - Analog Devices AD9975ABSTEB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD9975
–9–
2.5
–6
1.8
1.5
2.1
1.6
1.9
2.3
1.7
36
VGA GAIN – dB
–4 –2 02468 10 12 14 16 18 20 22 24 26 28 30 32 34
2.4
2.0
2.2
TPC 13. PGA Gain Step vs. Gain
1MHz
10MHz
100MHz
12.1MHz
0
LOG MAG
5dB/Div
–3.0dB
REF 0dB
TPC 14. Rx LPF Frequency Response, LPF =
Narrowband Rx Filter, FADC = 50 MHz,
Tuning Target = 255
9.9MHz
1MHz
10MHz
100MHz
0
DELAY
10ns/Div
70.1ns
REF 0s
TPC 15. Rx LPF Frequency Response, LPF =
Wideband Rx Filter, FADC = 50 MHz,
Tuning Target = 255
24.1MHz
1MHz
10MHz
100MHz
0
LOG MAG
REF 0dB
–3.0dB
5dB/Div
TPC 16. Rx LPF Group Delay, LPF = Narrowband
Rx Filter, FADC = 50 MHz, Tuning Target = 255
22.1MHz
1MHz
10MHz
100MHz
0
DELAY
5 ns/Div
REF 0s
33.9ns
TPC 17. Rx LPF Group Delay, LPF = Wideband Rx
Filter, FADC = 50 MHz, Tuning Target = 255
123.5 kHz
0
LOG MAG
5dB/Div
REF 0dB
–3.00dB
10kHz
100kHz
1MHz
TPC 18. Rx HPF Frequency Response, FADC = 50 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com