Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862x-Rf-TNQ Datasheet(PDF) 72 Page - ATMEL Corporation

Part # T48C862x-Rf-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862x-Rf-TNQ Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button T48C862x-Rf-TNQ Datasheet HTML 68Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 69Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 70Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 71Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 72Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 73Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 74Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 75Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
72
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Figure 69.
Example of MCL Receive Dialog
8-bit Pseudo MCL Mode
In this mode, the SSI exhibits all the typical MCL operational features except for the
acknowledge bit which is never expected or transmitted.
MCL Bus Protocol
The MCL protocol constitutes a simple 2-wire bi-directional communication highway via
which devices can communicate control and data information. Although the MCL proto-
col can support multi-master bus configurations, the SSI in MCL mode is intended for
use purely as a master controller on a single master bus system. So all reference to
multiple bus control and bus contention will be omitted at this point.
All data is packaged into 8-bit telegrams plus a trailing handshaking or acknowledge bit.
Normally the communication channel is opened with a so-called start condition, which
initializes all devices connected to the bus. This is then followed by a data telegram,
transmitted by the master controller device. This telegram usually contains an 8-bit
address code to activate a single slave device connected onto the MCL bus. Each slave
receives this address and compares it with its own unique address. The addressed
slave device, if ready to receive data, will respond by pulling the SD line low during the
9th clock pulse. This represents a so-called MCL acknowledge. The controller detecting
this affirmative acknowledge then opens a connection to the required slave. Data can
then be passed back and forth by the master controller, each 8-bit telegram being
acknowledged by the respective recipient. The communication is finally closed by the
master device and the slave device put back into standby by applying a stop condition
onto the bus.
7 6 54 32 1
7 6 5 43 21 0 A
msb
lsb
tx data 1
rx data 2
msb
lsb
Write STB
(tx data 1)
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
0A
Read SRB
(rx data 2)
SIR
SDD
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com