Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862x-Rf-TNQ Datasheet(PDF) 95 Page - ATMEL Corporation

Part # T48C862x-Rf-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862x-Rf-TNQ Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button T48C862x-Rf-TNQ Datasheet HTML 91Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 92Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 93Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 94Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 95Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 96Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 97Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 98Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
95
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Note:
The pin BP20/NTE has a static pull-up resistor during the reset-phase of the microcontroller
Power-on Reset Threshold Voltage
POR threshold voltage
BOT = 1
V
POR
1.54
1.7
1.88
V
POR threshold voltage
BOT = 0
V
POR
1.83
2.0
2.20
V
POR hysteresis
V
POR
50
mV
Voltage Monitor Threshold Voltage
VM high threshold voltage
V
DD > VM, VMS = 1
V
MThh
3.0
3.35
V
VM high threshold voltage
V
DD < VM, VMS = 0
V
MThh
2.77
3.0
V
VM middle threshold voltage
V
DD > VM, VMS = 1
V
MThm
2.6
2.9
V
VM middle threshold voltage
V
DD < VM, VMS = 0
V
MThm
2.4
2.6
V
VM low threshold voltage
V
DD > VM, VMS = 1
V
MThl
2.2
2.44
V
VM low threshold voltage
V
DD < VM, VMS = 0
V
MThl
2.0
2.2
V
External Input Voltage
VMI
V
DD = 3 V, VMS = 1
V
VMI
1.3
1.44
V
VMI
V
DD = 3 V, VMS = 0
V
VMI
1.18
1.3
V
All Bi-directional Ports
Input voltage LOW
V
DD = 2.0 to 4.0 V
V
IL
V
SS
0.2
×
V
DD
V
Input voltage HIGH
V
DD = 2.0 to 4.0 V
V
IH
0.8
×
V
DD
V
DD
V
Input LOW current
(switched pull-up)
V
DD = 2.0 V,
VDD = 3.0 V, VIL= VSS
I
IL
-3
-10
-8
-20
-14
-40
µA
µA
Input HIGH current
(switched pull-down)
VDD = 2.0 V,
V
DD = 3.0 V, VIH = VDD
IIH
3
10
6
20
14
40
µA
µA
Input LOW current
(static pull-up)
V
DD = 2.0 V
V
DD = 3.0 V, VIL= VSS
I
IL
-30
-80
-50
-160
-98
-320
µA
µA
Input LOW current
(static pull-down)
V
DD = 2.0 V
VDD = 3.0 V, VIH= VDD
I
IH
20
80
50
160
100
320
µA
µA
Input leakage current
VIL = VSS
IIL
100
nA
Input leakage current
VIH = VDD
IIH
100
nA
Output LOW current
VOL = 0.2 × VDD
V
DD = 2.0 V
V
DD = 3.0 V
I
OL
0.9
3
1.8
5
3.6
8
mA
mA
Output HIGH current
V
OH = 0.8 × VDD
VDD = 2.0 V
V
DD = 3.0 V
IOH
-0.8
-3
-1.7
-5
-3.4
-8
mA
mA
DC Operating Characteristics (Continued)
VSS = 0 V, Tamb = -40° C to +125° C unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com