Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862x-Rf-TNQ Datasheet(PDF) 76 Page - ATMEL Corporation

Part # T48C862x-Rf-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862x-Rf-TNQ Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button T48C862x-Rf-TNQ Datasheet HTML 72Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 73Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 74Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 75Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 76Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 77Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 78Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 79Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
76
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Serial Interface Control
Register 2 (SIC2)
Auxiliary register address: "A"hex
Table 25.
Serial Mode Control Bits
Note:
SDD controls port directional control and defines the reset function for the SRDY-flag
Bit 3Bit 2Bit 1Bit 0
MSM
SM1
SM0
SDD
Reset value: 1111b
MSM
M
odular Stop Mode
MSM = 1, modulator stop mode disabled (output masking off)
MSM = 0, modulator stop mode enabled (output masking on) - used in
modulation modes for generating bit streams which are not sub-multiples of 8
bits.
SM1
S
erial Mode control bit 1
SM0
S
erial Mode control bit 0
Mode
SM1
SM0
SSI Mode
1
1
1
8-bit NRZ-Data changes with the rising edge of SC
2
1
0
8-bit NRZ-Data changes with the falling edge of SC
3
0
1
9-bit two-wire MCL mode
4
0
0
8-bit two-wire MCL mode (no acknowledge)
SDD
S
erial Data Direction
SDD = 1, transmit mode - SD line used as output (transmit data). SRDY is set
by a transmit buffer write access.
SDD = 0, receive mode
– SD line used as input (receive data). SRDY is set
by a receive buffer read access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com