Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862x-Rf-TNQ Datasheet(PDF) 45 Page - ATMEL Corporation

Part # T48C862x-Rf-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862x-Rf-TNQ Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button T48C862x-Rf-TNQ Datasheet HTML 41Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 42Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 43Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 44Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 45Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 46Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 47Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 48Page - ATMEL Corporation T48C862x-Rf-TNQ Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
45
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Figure 36.
Timer 2
Timer 2 Modes
Mode 1: 12-bit Compare
Counter
The 4-bit stage and the 8-bit stage work together as a 12-bit compare counter. A com-
pare match signal of the 4-bit and the 8-bit stage generates the signal for the counter
reset, toggle flip-flop or interrupt. The compare action is programmable via the compare
mode register (T2CM). The 4-bit counter overflow (OVF1) supplies the clock output
(POUT) with clocks. The duty cycle generator (DCG) has to be bypassed in this mode.
Figure 37.
12-bit Compare Counter
Mode 2: 8-bit Compare
Counter with 4-bit
Programmable Prescaler
Figure 38.
8-bit Compare Counter
The 4-bit stage is used as programmable prescaler for the 8-bit counter stage. In this
mode, a duty cycle stage is also available. This stage can be used as an additional 2-bit
prescaler or for generating duty cycles of 25%, 33% and 50%. The 4-bit compare output
(CM1) supplies the clock output (POUT) with clocks.
4-bit Counter 2/1
RES
OVF1
Compare 2/1
T2CO1
CM1
POUT
SSI POUT
CL2/2
DCG
T2M1
P4CR
8-bit Counter 2/2
RES
OVF2
Compare 2/2
T2CO2
T2CM
Control
TOG2
INT4
Biphase-,
Manchester-
modulator
OUTPUT
MOUT
M2
to
Modulator 3
T2O
Timer 2
modulator
output-stage
T2M2
SO
Control
SSI
SSI
I/O-bus
T2C
CL2/1
T2I
SYSCL
T1OUT
TOG3
SCL
I/O-bus
DCGO
4-bit counter
4-bit compare
RES
4-bit register
CM1
POUT (CL2/1 /16)
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/1
DCG
T2D1, 0
4-bit counter
4-bit compare
RES
4-bit register
CM1
POUT
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/1
DCG
T2D1, 0
DCGO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com