Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5529
Description  16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5529 Datasheet HTML 1Page - Cirrus Logic CS5529 Datasheet HTML 2Page - Cirrus Logic CS5529 Datasheet HTML 3Page - Cirrus Logic CS5529 Datasheet HTML 4Page - Cirrus Logic CS5529 Datasheet HTML 5Page - Cirrus Logic CS5529 Datasheet HTML 6Page - Cirrus Logic CS5529 Datasheet HTML 7Page - Cirrus Logic CS5529 Datasheet HTML 8Page - Cirrus Logic CS5529 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
CS5529
2
DS246F1
TABLE OF CONTENTS
TABLE OF CONTENTS ....................................................................................... 2
TABLE OF FIGURES .......................................................................................... 3
CHARACTERISTICS/SPECIFICATIONS ............................................................ 4
ANALOG CHARACTERISTICS................................................................... 4
5 V DIGITAL CHARACTERISTICS ............................................................. 6
3 V DIGITAL CHARACTERISTICS ............................................................. 6
DYNAMIC CHARACTERISTICS ................................................................. 6
ABSOLUTE MAXIMUM RATINGS .............................................................. 7
SWITCHING CHARACTERISTICS ............................................................. 8
GENERAL DESCRIPTION ................................................................................ 10
Analog Input ............................................................................................. 10
Analog Input Model ............................................................................ 10
Voltage Reference Input Model .......................................................... 10
Serial Port ................................................................................................. 11
Command Register Descriptions ........................................................ 12
Serial Port Interface ........................................................................... 13
Serial Port Initialization ....................................................................... 15
System Initialization ........................................................................... 15
Configuration Register .............................................................................. 15
Latch Output Pins ............................................................................... 15
Power Consumption ........................................................................... 15
Output Word Rate .............................................................................. 16
Digital Filter ........................................................................................ 16
Clock Generator ................................................................................. 16
Reset System ..................................................................................... 16
Port Flag ............................................................................................. 17
Calibration .......................................................................................... 17
Calibration Registers ................................................................... 17
Offset Register ...................................................................... 17
Gain Register ........................................................................ 18
Self Calibration ............................................................................ 18
System Calibration ....................................................................... 18
Limitations in Calibration Range .................................................. 19
Calibration Tips ............................................................................ 19
Configuration Register Descriptions ................................................. 20
Performing Conversions ........................................................................... 21
Performing Conversions with PF bit = 0 ............................................. 21
Performing Conversions with PF bit = 1 ............................................. 21
Single Conversion ........................................................................ 21
Continuous Conversions .............................................................. 21
Output Coding .................................................................................... 22
Power Supply Arrangements .................................................................... 23
PCB Layout .............................................................................................. 24
PIN DESCRIPTIONS ......................................................................................... 25
Clock Generator......................................................................................... 25
Control Pins and Serial Data I/O................................................................ 25
Measurement and Reference Inputs ......................................................... 26
Power Supply Connections........................................................................ 26
SPECIFICATION DEFINITIONS ........................................................................ 27
ORDERING GUIDE ............................................................................................ 27
PACKAGE DIMENSIONS ................................................................................. 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com