Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5529
Description  16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5529 Datasheet HTML 1Page - Cirrus Logic CS5529 Datasheet HTML 2Page - Cirrus Logic CS5529 Datasheet HTML 3Page - Cirrus Logic CS5529 Datasheet HTML 4Page - Cirrus Logic CS5529 Datasheet HTML 5Page - Cirrus Logic CS5529 Datasheet HTML 6Page - Cirrus Logic CS5529 Datasheet HTML 7Page - Cirrus Logic CS5529 Datasheet HTML 8Page - Cirrus Logic CS5529 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CS5529
DS246F1
5
ANALOG CHARACTERISTICS (Continued)
Notes: 7. See the section of the data sheet which discusses Analog Input Models.
8. The minimum Full Scale Calibration Range (FSCR) is limited by the maximum allowed gain register
value (with margin). The maximum FSCR is limited by the
∆Σ modulator’s 1’s density range. See
“Analog Input” section for details. Also see “Limitations in Calibration Range”.
9. VREF must be less than or equal to supply voltages.
10. All outputs unloaded. All inputs CMOS levels.
Parameter
Min
Typ
Max
Unit
Analog Input
Common Mode + Signal on AIN+ or AIN-
(Bipolar/Unipolar Mode)
Single Supply
Dual Supply
0.0
VA-
-
-
VA+
VA+
V
V
Common Mode Rejection
dc
50, 60Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
-
10
-
pF
CVF Current
AIN+, AIN-
(Note 7)
-
16
-
nA
System Calibration Specifications
Full Scale Calibration Range, with VREF = 2.5 V
(Note 8)
1.0
-
3.5
V
Offset Calibration Range
(Bipolar/Unipolar Mode)
-
-
±1.25
V
Voltage Reference Input
Range
{(VREF+) - (VREF-)}
(Note 9)
1.0
2.5
5
V
REF+
VA-
-
VA+
V
REF-
VA-
-
VA+
V
Common Mode Rejection
dc
50, 60 Hz
-
-
110
130
-
-
dB
dB
Input Capacitance
-
16
-
pF
CVF Current
(Note 7)
-
8
-
nA
Power Supplies
DC Power Supply Currents
(Normal Mode)
IA+
ID+
-
-
360
95
450
150
µA
µA
Power Consumption
Normal Mode
(Note 10)
Low Power Mode
Standby
Sleep
-
-
-
-
2.5
1.4
1
500
2.875
2.2
-
-
mW
mW
mW
µW
Power Supply Rejection
dc Positive Supplies
dc Negative Supply
-
-
80
80
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com