Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5529
Description  16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5529 Datasheet HTML 1Page - Cirrus Logic CS5529 Datasheet HTML 2Page - Cirrus Logic CS5529 Datasheet HTML 3Page - Cirrus Logic CS5529 Datasheet HTML 4Page - Cirrus Logic CS5529 Datasheet HTML 5Page - Cirrus Logic CS5529 Datasheet HTML 6Page - Cirrus Logic CS5529 Datasheet HTML 7Page - Cirrus Logic CS5529 Datasheet HTML 8Page - Cirrus Logic CS5529 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5529
16-Bit, Programmable
∆Σ ADC with 6-Bit Latch
Features
l Delta-Sigma Analog-to-Digital Converter
- Linearity Error: 0.0015%FS
- Noise Free Resolution: 16-Bits
l 2.5 V Bipolar/Unipolar Buffered Input Range
l 6-Bit Output Latch
l Eight Digital Filters
- Selectable Output Word Rates
- Output Settles in One Conversion Cycle
- 50/60 Hz ±3 Hz Simultaneous Rejection
l Simple three-wire serial interface
- SPI™ and Microwire™ Compatible
- Schmitt Trigger on Serial Clock (SCLK)
l System/Self-Calibration with R/W Registers
l Power Supply Configurations
- VA+ = +5 V; VA- = 0 V; VD+ = +3 V to +5 V
- VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V to +5 V
l Low Power Consumption: 2.5 mW
General Description
The 16-bit CS5529 is a low-power programmable
∆Σ An-
alog-to-Digital
Converter
(ADC)
which
includes
coarse/fine charge buffers, a fourth order
∆Σ modulator,
a calibration microcontroller, a digital filter with program-
mable decimation rates, a 6-bit output latch, and a three-
wire serial interface. The ADC is designed to operate
from single or dual analog supplies and a single digital
supply.
The digital filter is programmable with output update
rates between 1.88 Hz to 101 Hz. These output rates are
specified for XIN = 32.768 kHz. Output word rates can be
increased by approximately 3X by using XIN = 100 kHz.
The filter is designed to settle to full accuracy for the se-
lected output word rate in one conversion. When
operated at word rates of 15 Hz or less, the filter rejects
both 50 Hz and 60 Hz simultaneously.
Low power, single conversion settling time, programma-
ble output rates, and the ability to handle negative input
signals make this single or dual supply product an ideal
solution for isolated and non-isolated applications.
ORDERING INFORMATION
See page 27.
VA+
AIN+
AIN-
VREF+
VREF-
Latch
A0 A1 D0 D1 D2 D3
Calibration
Memory
Calibration
µC
Clock
Gen.
XIN
XOUT
VA-
DGND
1X
1X
Differential
4th Order
Delta-Sigma
Modulator
Digital Filter
Calibration
Register
Control
Register
Output
Register
VD+
CS
SCLK
SDI
SDO
MAR ‘99
DS246F1


Similar Part No. - CS5529

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
540Kb / 31P
16-bit, Programmable ?誇 ADC with 6-bit Latch
CS5529-AP CIRRUS-CS5529-AP Datasheet
540Kb / 31P
16-bit, Programmable ?誇 ADC with 6-bit Latch
CS5529-AS CIRRUS-CS5529-AS Datasheet
540Kb / 31P
16-bit, Programmable ?誇 ADC with 6-bit Latch
CS5529-ASZ CIRRUS-CS5529-ASZ Datasheet
540Kb / 31P
16-bit, Programmable ?誇 ADC with 6-bit Latch
CS5529 CIRRUS-CS5529_05 Datasheet
540Kb / 31P
16-bit, Programmable ?誇 ADC with 6-bit Latch
More results

Similar Description - CS5529

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373 TI-CY74FCT163373 Datasheet
58Kb / 6P
16-Bit Latch
logo
Cirrus Logic
CS5525 CIRRUS-CS5525 Datasheet
483Kb / 29P
16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
logo
Analog Devices
AD7725 AD-AD7725 Datasheet
442Kb / 28P
16-Bit 900 kSPS ADC with a Programmable Postprocessor
2/04-Data Sheet changed from REV. 0 to REV. A
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
16-Bit ADC with Easy Drive
logo
Cirrus Logic
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5529 CIRRUS-CS5529_05 Datasheet
540Kb / 31P
16-bit, Programmable ?誇 ADC with 6-bit Latch
logo
Analog Devices
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7725 AD-AD7725_15 Datasheet
447Kb / 28P
16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
logo
Texas Instruments
CY74FCT163373 TI1-CY74FCT163373_05 Datasheet
127Kb / 9P
16-Bit Latch
logo
Analog Devices
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com