Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5529
Description  16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5529 Datasheet HTML 22Page - Cirrus Logic CS5529 Datasheet HTML 23Page - Cirrus Logic CS5529 Datasheet HTML 24Page - Cirrus Logic CS5529 Datasheet HTML 25Page - Cirrus Logic CS5529 Datasheet HTML 26Page - Cirrus Logic CS5529 Datasheet HTML 27Page - Cirrus Logic CS5529 Datasheet HTML 28Page - Cirrus Logic CS5529 Datasheet HTML 29Page - Cirrus Logic CS5529 Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
CS5529
26
DS246F1
A0, A1 - Logic Outputs (Analog), Pin 5, 6.
The logic states of A0-A1 mimic the states of the D22-D23 bits of the configuration register.
Logic Output 0 = VA-, and Logic Output 1 = VA+.
D0, D1, D2, D3 - Logic Outputs (Digital), Pin 7, 16, 17, 18.
The logic states of D0-D3 mimic the states of the D18-D21 bits of the configuration register.
Logic Output 0 = DGND, and Logic Output 1 = VD+.
Measurement and Reference Inputs
AIN+, AIN- - Differential Analog Input, Pins 3, 4.
Differential input pins into the device.
VREF+, VREF- - Voltage Reference Input, Pins 20, 19.
Fully differential inputs which establish the voltage reference for the on-chip modulator.
Power Supply Connections
VA+ - Positive Analog Power, Pin 2.
Positive analog supply voltage.
VA- - Negative Analog Power, Pin 1.
Negative analog supply voltage.
VD+ - Positive Digital Power, Pin 13.
Positive digital supply voltage (+3.0 V or +5 V).
DGND - Digital Ground, Pin 12.
Digital Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com