Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-AS Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5529-AS
Description  16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-AS Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5529-AS Datasheet HTML 11Page - Cirrus Logic CS5529-AS Datasheet HTML 12Page - Cirrus Logic CS5529-AS Datasheet HTML 13Page - Cirrus Logic CS5529-AS Datasheet HTML 14Page - Cirrus Logic CS5529-AS Datasheet HTML 15Page - Cirrus Logic CS5529-AS Datasheet HTML 16Page - Cirrus Logic CS5529-AS Datasheet HTML 17Page - Cirrus Logic CS5529-AS Datasheet HTML 18Page - Cirrus Logic CS5529-AS Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
CS5529
DS246F1
15
Serial Port Initialization
The serial port is initialized to the command mode
whenever a power-on reset is performed or when
the port initialization sequence is completed. The
port initialization sequence involves clocking fif-
teen (or more) SYNC1 command bytes (0xFF) fol-
lowed by one SYNC0 command byte (0xFE). This
sequence places the chip in the command mode
where it waits until a valid command is received.
This function does not reset the internal registers to
their default settings. It only resets the serial port to
the command mode.
System Initialization
When power to the CS5529 is applied, the chip is
held in a reset condition until the 32.768 kHz oscil-
lator has started and a counter-timer elapses. Due to
the high Q of the 32.768 kHz crystal, the oscillator
takes 400-600 ms to start. The counter-timer counts
1002 oscillator clock cycles to make sure the oscil-
lator is fully stable. During this time-out period the
serial port logic is reset and the RV (Reset Valid)
bit in the configuration register is set to indicate
that a valid reset occurred. After a reset, the on-chip
registers are initialized to the following states and
the converter is placed in the command mode
where it waits for a valid command.
Note:
A system reset can be initiated at any time by
writing a logic 1 to the RS (Reset System) bit
in the configuration register. After a reset, the
RV (Reset Valid) bit is set until the
configuration register is read. The user must
then write a logic 0 to the RS bit to take the
part out of the reset mode.
Configuration Register
The configuration register is a 24 bit register used
to modify the functions of the ADC. The following
sections detail the functions of the bits in the con-
figuration register.
Latch Output Pins
The D3-D0 pins of the converter mimic the D21-
D18 bits of the configuration register. D3-D0 can
be used to control multiplexers and other digital
logic functions outside the converter. The D0-D3
outputs are powered from VD+ and DGND. Their
output voltage will be VD+ for a logic 1 and
DGND for a logic 0. The A1-A0 pins of the con-
verter mimic the D23-D22 bits of the configuration
register and can be used to control analog switches.
These outputs are powered from VA+ and VA-,
hence, their output voltage will be either VA+ for a
logic 1 or VA- for a logic 0.
All outputs can sink or source at least 1 mA, but it
is recommended to limit drive currents to less than
20
µA to reduce self-heating of the chip.
Power Consumption
The CS5529 accommodates four power consump-
tion modes: normal, low power, standby, and sleep.
The normal mode, the default mode, is entered after
a power-on-reset and typically consumes 2.5 mW.
The low power mode is an alternate mode that re-
duces the consumed power to 1.4 mW. It is entered
by setting bit D16 (the low power mode bit) in the
configuration register to logic 1. Since the convert-
er’s noise and linearity performance improves with
increased power consumption, slightly degraded
noise or linearity performance should be expected
in the low power mode.
The final two modes are the power save modes.
These modes power down most of the analog por-
tion of the chip and stop filter convolutions. The
power save modes are entered whenever the Power
Save (0x81 hexadecimal) command is issued to the
serial port. The particular power save mode entered
depends on state of bit D4 (the power save select
bit) in the configuration register. If D4 is logic 0,
the converter enters the standby mode reducing the
power consumption to 1 mW. The standby mode
leaves the oscillator and the on-chip bias generator
Configuration Register:
000040(H)
Offset Register:
000000(H)
Gain Register:
400000(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com