Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-AS Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5529-AS
Description  16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-AS Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5529-AS Datasheet HTML 20Page - Cirrus Logic CS5529-AS Datasheet HTML 21Page - Cirrus Logic CS5529-AS Datasheet HTML 22Page - Cirrus Logic CS5529-AS Datasheet HTML 23Page - Cirrus Logic CS5529-AS Datasheet HTML 24Page - Cirrus Logic CS5529-AS Datasheet HTML 25Page - Cirrus Logic CS5529-AS Datasheet HTML 26Page - Cirrus Logic CS5529-AS Datasheet HTML 27Page - Cirrus Logic CS5529-AS Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
CS5529
24
DS246F1
lustrates the CS5529 connected with ±2.5 V bipolar
analog supplies and a +3 V to +5 V digital supply
to measure ground referenced bipolar signals.
PCB Layout
The CS5529 should be placed entirely over an ana-
log ground plane with the DGND pin of the device
connected to the analog ground plane. Place the an-
alog-digital plane split immediately adjacent to the
digital portion of the chip
See the CDB5529 data sheet for suggested layout
details and Applications Note 18 for more detailed
layout guidelines. Applications engineering pro-
vides a Free and Confidential Schematic Review
Service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com