Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-AS Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5529-AS
Description  16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-AS Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5529-AS Datasheet HTML 16Page - Cirrus Logic CS5529-AS Datasheet HTML 17Page - Cirrus Logic CS5529-AS Datasheet HTML 18Page - Cirrus Logic CS5529-AS Datasheet HTML 19Page - Cirrus Logic CS5529-AS Datasheet HTML 20Page - Cirrus Logic CS5529-AS Datasheet HTML 21Page - Cirrus Logic CS5529-AS Datasheet HTML 22Page - Cirrus Logic CS5529-AS Datasheet HTML 23Page - Cirrus Logic CS5529-AS Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
CS5529
20
DS246F1
Configuration Register Descriptions
D23(MSB)
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
A1
A0
D3
D2
D1
D0
NU
LPM
WR2
WR1
WR0
U/B
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NU
NU
NU
NU
RS
RV
PF
PSS
DF
CC2
CC1
CC0
BIT
NAME
VALUE
FUNCTION
D23-D22 Latch Outputs, A1-A0
00
R* Latch Output Pins A1-A0 mimic the D23-D22 Register bits.
D21-D18 Latch Outputs, D3-D0
0000
R* Latch Output Pins D3-D0 mimic the D21-D18 Register bits.
D17
Not Used, NU
0
R Must always be logic zero.
D16
Low Power Mode,
LPM
0
1
R Normal Mode (
≅ 2.5 mW)
Reduced Power Mode (
≅ 1 mW)
D15-D13 Word Rate, WR2-0
(Note: Rates valid for
XIN = 32.768 kHz)
000
001
010
011
100
101
110
111
R 15.0 Hz (2180 XIN cycles)
30.0 Hz (1092 XIN cycles)
61.6 Hz (532 XIN cycles)
84.5 Hz (388 XIN cycles)
101.1 Hz (324 XIN cycles)
1.88 Hz (17444 XIN cycles)
3.76 Hz (8724 XIN cycles)
7.51 Hz (4364 XIN cycles)
D12
Unipolar/Bipolar, U/B
0
1
R Bipolar Measurement mode
Unipolar Measurement mode
D11-D8
Not Used, NU
0
R Must always be logic 0.
D7
Reset System, RS
0
1
R Normal Operation
Activate a Reset cycle. To return to normal operation this bit must
be written back to logic zero.
D6
Reset Valid , RV
0
1R
No reset has occurred or bit has been cleared (read only).
Valid Reset has occurred. (Cleared when read.)
D5
Port Flag, PF
0
1
R Port Flag mode inactive
Port Flag mode active
D4
Power Save Select,
PSS
0
1
R Standby Mode (Oscillator active, allows quick power-up)
Sleep Mode (Oscillator inactive)
D3
Done Flag, DF
0
1
R Done Flag bit is cleared (read only).
Calibration or Conversion cycle completed (read only).
D2-D0
Calibration Control
Bits, CC2-CC0
000
001
010
011
100
101
110
111
R Normal operation (no calibration)
Offset -- Self-Calibration
Gain -- Self-Calibration
Offset self-cal followed by Gain self-calibration
Not Used.
Offset -- System Calibration
Gain -- System Calibration
Not Used.
* R indicates the bit value after the part is reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com