Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-AS Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5529-AS
Description  16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-AS Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5529-AS Datasheet HTML 22Page - Cirrus Logic CS5529-AS Datasheet HTML 23Page - Cirrus Logic CS5529-AS Datasheet HTML 24Page - Cirrus Logic CS5529-AS Datasheet HTML 25Page - Cirrus Logic CS5529-AS Datasheet HTML 26Page - Cirrus Logic CS5529-AS Datasheet HTML 27Page - Cirrus Logic CS5529-AS Datasheet HTML 28Page - Cirrus Logic CS5529-AS Datasheet HTML 29Page - Cirrus Logic CS5529-AS Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
CS5529
28
DS246F1
PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.000
0.210
0.00
5.33
A1
0.015
0.025
0.38
0.64
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b1
0.045
0.070
1.14
1.78
c
0.008
0.014
0.20
0.36
D
0.980
1.060
24.89
26.92
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.090
0.110
2.29
2.79
eA
0.280
0.320
7.11
8.13
eB
0.300
0.430
7.62
10.92
eC
0.000
0.060
0.00
1.52
L
0.115
0.150
2.92
3.81
∝
0°
15°
0°
15°
20 PIN PLASTIC (PDIP) PACKAGE DRAWING
E1
D
SEATING
PLANE
b1
e
b
A
L
A1
∝
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
eA
c
A2
E
eC
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com