Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5522-AS Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5522-AS
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522-AS Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5522-AS Datasheet HTML 24Page - Cirrus Logic CS5522-AS Datasheet HTML 25Page - Cirrus Logic CS5522-AS Datasheet HTML 26Page - Cirrus Logic CS5522-AS Datasheet HTML 27Page - Cirrus Logic CS5522-AS Datasheet HTML 28Page - Cirrus Logic CS5522-AS Datasheet HTML 29Page - Cirrus Logic CS5522-AS Datasheet HTML 30Page - Cirrus Logic CS5522-AS Datasheet HTML 31Page - Cirrus Logic CS5522-AS Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
CS5521/22/23/24/28
28
DS317F2
2.2.7.1 Latch Outputs
The A1-A0 pins mimic the latch output, D23/D11-
D22/D10, bits of the channel-setup registers. A1-A0
can be used to control external multiplexers and oth-
er logic functions outside the converter. The outputs
can sink or source at least 1 mA, but it is recom-
mended to limit drive currents to less than 20
µA to
reduce self-heating of the chip. These outputs are
powered from VA+, hence, their output voltage for
a logic 1 will be limited to the VA+ supply voltage.
2.2.7.2 Channel Select Bits
The channel select, CS1-CS0, bits are used to de-
termine which physical input channel will be used
when a conversion is performed with a particular
Setup.
2.2.7.3 Output Word Rate Selection
The word rate, WR2-WR0, bits of the channel-set-
up registers set the output conversion word rate of
the converter when a conversion is performed with
a particular Setup. The word rates indicated in
Table 3 assume a master clock of 32.768 kHz, and
scale linearly when using other master clock fre-
quencies. Upon reset the converter is set to operate
with an output word rate of 15.0 Hz.
2.2.7.4 Gain Bits
The gain bits, G2-G0, of the channel-setup regis-
ters set the full scale differential input range for the
ADC when a conversion is performed with a partic-
ular Setup. The input ranges in the table assume a
2.5 V reference voltage, and scale linearly when
using other reference voltages.
2.2.7.5 Unipolar/Bipolar Bit
The unipolar/bipolar bit is used to determine the
type of conversion, unipolar/bipolar, that will be
performed with a particular Setup.
2.2.8 Configuration Register
The configuration register is 24-bits long. The fol-
lowing subsections detail the bits in the configura-
tion register. Table 4 summarizes the configuration
register.
2.2.8.1 Chop Frequency Select
The chop frequency select (CFS1-CFS0) bits are
used to set the rate at which the instrumentation
amplifier’s chop switches modulate the input sig-
nal. The 256 Hz rate is desirable as it provides the
lowest input CVF (sampling) current, <300 pA
over -40 to 85 C. The higher rates can be used to
eliminate modulation/aliasing effects as the fre-
quency of the input signal increases.
2.2.8.2 Conversion/Calibration Control Bits
The conversion/calibration control bits in the con-
figuration register are used to control the particular
type of conversion required for the users applica-
tions. In short, the depth pointer (DP3-DP0) bits
determine the number of Setups that will be refer-
enced when conversions are performed. The multi-
ple conversion (MC) bit instructs the converter to
perform conversions on the number of Setups in the
channel-setup registers which are referenced by the
depth pointer bits. The converter begins with
Setup1 and moves sequentially through the Setups
in this mode. The Loop (LP) bit instructs the con-
verter to continuously perform conversions until a
stop command is sent to the converter. The read
convert (RC) bit instructs the converter to wait until
the conversion data is read before performing the
next conversion or set of conversions.
2.2.8.3 Power Consumption Control Bits
The CS5522/24/28 accommodate four power con-
sumption modes: normal, low power, standby, and
sleep. The CS5521/23 accommodate three power
consumption modes: normal, standby, and sleep.
The normal (default) mode is entered after a power-
on-reset. In normal mode, the CS5522/24/28 typi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com