Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5522-AS Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS5522-AS
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522-AS Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS5522-AS Datasheet HTML 47Page - Cirrus Logic CS5522-AS Datasheet HTML 48Page - Cirrus Logic CS5522-AS Datasheet HTML 49Page - Cirrus Logic CS5522-AS Datasheet HTML 50Page - Cirrus Logic CS5522-AS Datasheet HTML 51Page - Cirrus Logic CS5522-AS Datasheet HTML 52Page - Cirrus Logic CS5522-AS Datasheet HTML 53Page - Cirrus Logic CS5522-AS Datasheet HTML 54Page - Cirrus Logic CS5522-AS Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
CS5521/22/23/24/28
DS317F2
51
4. SPECIFICATION DEFINITIONS
Linearity Error
The deviation of a code from a straight line which connects the two endpoints of the A/D
Converter transfer function. One endpoint is located 1/2 LSB below the first code transition and
the other endpoint is located 1/2 LSB beyond the code transition to all ones. Units in percent of
full-scale.
Differential Nonlinearity
The deviation of a code’s width from the ideal width. Units in LSBs.
Full Scale Error
The deviation of the last code transition from the ideal [{(VREF+) - (VREF-)} - 3/2 LSB].
Units are in LSBs.
Unipolar Offset
The deviation of the first code transition from the ideal (1/2 LSB above the voltage on the
AIN- pin.). When in unipolar mode (U/B bit = 1). Units are in LSBs.
Bipolar Offset
The deviation of the mid-scale transition (111...111 to 000...000) from the ideal (1/2 LSB below
the voltage on the AIN- pin). When in bipolar mode (U/B bit = 0). Units are in LSBs.
5. ORDERING GUIDE
Model Number
Bits
Channels Linearity Error (Max) Temperature Range
Package
CS5521-AP
16
2
±0.003%
-40
°C to +85°C
20-pin 0.3" Plastic DIP
CS5521-AS
16
2
±0.003%
-40
°C to +85°C
20-pin 0.2" Plastic SSOP
CS5522-AP
24
2
±0.0015%
-40
°C to +85°C
20-pin 0.3" Plastic DIP
CS5522-AS
24
2
±0.0015%
-40
°C to +85°C
20-pin 0.2" Plastic SSOP
CS5523-AP
16
4
±0.003%
-40
°C to +85°C
24-pin 0.3" Plastic DIP
CS5523-AS
16
4
±0.003%
-40
°C to +85°C
24-pin 0.2" Plastic SSOP
CS5524-AP
24
4
±0.0015%
-40
°C to +85°C
24-pin 0.3" Plastic DIP
CS5524-AS
24
4
±0.0015%
-40
°C to +85°C
24-pin 0.2" Plastic SSOP
CS5528-AP
24
8
±0.0015%
-40
°C to +85°C
24-pin 0.3" Plastic DIP
CS5528-AS
24
8
±0.0015%
-40
°C to +85°C
24-pin 0.2" Plastic SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com