Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5522-AS Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5522-AS
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522-AS Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5522-AS Datasheet HTML 25Page - Cirrus Logic CS5522-AS Datasheet HTML 26Page - Cirrus Logic CS5522-AS Datasheet HTML 27Page - Cirrus Logic CS5522-AS Datasheet HTML 28Page - Cirrus Logic CS5522-AS Datasheet HTML 29Page - Cirrus Logic CS5522-AS Datasheet HTML 30Page - Cirrus Logic CS5522-AS Datasheet HTML 31Page - Cirrus Logic CS5522-AS Datasheet HTML 32Page - Cirrus Logic CS5522-AS Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
CS5521/22/23/24/28
DS317F2
29
cally consume 9.0 mW. The CS5521/23 typically
consume 5.5 mW. The low power mode is an alter-
nate mode in the CS5522/24/28 that reduces the
consumed power to 5.5 mW. It is entered by setting
bit D8 (the low power mode bit) in the configura-
tion register to logic 1. Slightly degraded noise or
linearity performance should be expected in the
low power mode. Note that the XIN clock should
not exceed 130 kHz in low power mode. The final
two modes accommodated in all devices are re-
ferred to as the power save modes. They power
down most of the analog portion of the chip and
stop filter convolutions. The power save modes are
entered whenever the PS/R bit of the configuration
register is set to logic 1. The particular power save
mode entered depends on state of bit D11 (PSS, the
Power Save Select bit) in the configuration register.
If PSS is logic 0, the converters enters the standby
mode reducing the power consumption to 1.2 mW.
The standby mode leaves the oscillator and the on-
chip bias generator running. This allows the con-
verter to quickly return to the normal or low power
mode once the PS/R bit is set back to a logic 1. If
PSS and PS/R in the configuration register are set
to logic 1, the sleep mode is entered reducing the
consumed power to around 500
µW. Since the
sleep mode disables the oscillator, approximately a
500ms oscillator start-up delay period is required
before returning to the normal or low power mode.
2.2.8.4 Charge Pump Disable
The pump disable (PD) bit permits the user to turn
off the charge pump drive thus enabling the user to
reduce the radiation of digital interference from the
CPD pin when the charge pump is not being used.
2.2.8.5 Reset System Control Bits
The reset system (RS) bit permits the user to per-
form a system reset. A system reset can be initiated
at any time by writing a logic 1 to the RS bit in the
configuration register. After a system reset cycle is
complete, the reset valid (RV) bit is set indicating
that the internal logic was properly reset. The RV
remains set until the configuration register is read.
Note that the user must write a logic 0 to the RS bit
to take the part out of the reset mode. No other bits
in the configuration register can be written at this
time. A subsequent write to the configuration reg-
ister is necessary to write to any other bits in this
register. Once reset, the on-chip registers are ini-
tialized to the following states.
2.2.8.6 Data Conversion Error Flags
The oscillation detect (OD) and over flow (OF) bits
in the configuration register are flag bits used to in-
dicate that the ADC performed a conversion on an
input signal that was not within the conversion
range of the ADC. For convenience, the OD and
OF bits are also in the data conversion word of the
CS5521/23.
The OF bit is set to logic 1 when the input signal is:
1) more positive than full scale
2) more negative than zero in unipolar mode, or
3) more negative than negative full scale in bipo-
lar mode.
The OF flag is cleared to logic 0 when a conversion
occurs which is not out of range.
The OD bit is set to logic 1 any time that an oscil-
latory condition is detected in the modulator. This
does not occur under normal operating conditions,
but may occur when the input is extremely over-
ranged. The OD flag will be cleared to logic 0 when
the modulator becomes stable.
configuration register:
000040(H)
offset registers:
000000(H)
gain registers:
400000(H)
channel setup registers:
000000(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com