Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5522-AS Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5522-AS
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522-AS Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5522-AS Datasheet HTML 37Page - Cirrus Logic CS5522-AS Datasheet HTML 38Page - Cirrus Logic CS5522-AS Datasheet HTML 39Page - Cirrus Logic CS5522-AS Datasheet HTML 40Page - Cirrus Logic CS5522-AS Datasheet HTML 41Page - Cirrus Logic CS5522-AS Datasheet HTML 42Page - Cirrus Logic CS5522-AS Datasheet HTML 43Page - Cirrus Logic CS5522-AS Datasheet HTML 44Page - Cirrus Logic CS5522-AS Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
CS5521/22/23/24/28
DS317F2
41
2.5.1 Conversion Data FIFO Descriptions
CS5521/23 (EACH 16-BIT CONVERSIONS)
CS5522/24/28 (EACH 24-BIT CONVERSION LEVELS)
Conversion Data Bits [23:8 for CS5521/23; 23:0 for CS5522/24/28]
These bits depict the latest output conversion.
OD (Oscillation detect Flag Bit)
0
Bit is clear when oscillatory condition in modulator does not exist (bit is read only).
1
Bit is set any time an oscillatory condition is detected in the modulator. This does not occur under normal
operation conditions, but may occur when the input is extremely overranged. The OD flag will be cleared
to logic 0 when the modulator becomes stable.
OF (Over-range Flag Bit)
0
Bit is clear when over-range condition has not occurred (bit is read only).
1
Bit is set when input signal is more positive than the positive full scale, more negative than zero (unipolar
mode) or when the input is more negative than the negative full scale (bipolar mode).
CI (Channel Indicator Bits) [1:0]
These bits indicate which physical input channel was converted.
00
Physical Channel 1 (CS5521/23 only)
01
Physical Channel 2 (CS5521/23 only)
10
Physical Channel 3 (CS5523 only)
11
Physical Channel 4 (CS5523 only)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
MSB
14
13
12
11
10
9
8
765
4
D11
D10
D9
D8D7
D6
D5
D4D3
D2
D1D0
32
1
LSB
1
1
1
0
CI1
CI0
OD
OF
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
MSB
2221
2019
18
17
1615
14
13
12
D11
D10
D9
D8D7
D6
D5
D4D3
D2
D1D0
11
10
9
8
7
6
5
4
321
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com