Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1800L Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMUX1800L
Description  16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMUX1800L Datasheet HTML 4Page - STMicroelectronics STMUX1800L Datasheet HTML 5Page - STMicroelectronics STMUX1800L Datasheet HTML 6Page - STMicroelectronics STMUX1800L Datasheet HTML 7Page - STMicroelectronics STMUX1800L Datasheet HTML 8Page - STMicroelectronics STMUX1800L Datasheet HTML 9Page - STMicroelectronics STMUX1800L Datasheet HTML 10Page - STMicroelectronics STMUX1800L Datasheet HTML 11Page - STMicroelectronics STMUX1800L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STMUX1800L
8/21
Doc ID 14869 Rev 4
Table 8.
DC electrical characteristics for 10/100 Ethernet LAN8/16MUX/DEMUX
(VCC = 3.3 V ±10)
Symbol
Parameter
Test condition
Value
Unit
-40 to 85 °C
Min
Typ
Max
VIH
Voltage input high
(SEL)
High level guaranteed
2
–
–
V
VIL
Voltage input low
(SEL)
Low level guaranteed
-0.5
–
0.8
V
VIK
Clamp diode voltage
(SEL)
VCC = 3.6 V
IIN = -18 mA
–
-0.7
-1.2
V
IIH
Input high current
(SEL)
VCC = 3.6 V
VIN = VCC
––
±5
µA
IIL
Input low current
(SEL)
VCC = 3.6 V
VIN = GND
––
±5
µA
IOFF(SW)
(1)
Leakage current
through the switch
common terminals (A to
H)
(LED1 to LED3)
VCC = 3.6 V
A to H = VCC
LED1 to LED3 = VCC
A0 to H0 = 0 V
A1 to H1 = floating
LEDx_0 = 0 V
LEDx1 = floating
SEL = VCC
––
±1
µA
IOFF(SEL)
SEL pin leakage current
VCC = 0 V
SEL = 0 to 3.6 V
––
±1
µA
RON
Switch ON resistance(2)
VCC = 3.0 V
VIN = 1.5 to VCC
IIN = -10 to -30 mA
–4.0
6.5
Ω
RFLAT
ON resistance flatness
(2) (3)
VCC = 3.0 V
VIN at 1.5 and VCC
IIN = -10 to -30 mA
–0.5
–
Ω
ΔR
ON
ON resistance match
between channel
ΔR
ON = RONMAX-
RONMIN
(2)(4)
VCC = 3.0 V
VIN = 1.5 to VCC
IIN = -10 to -30 mA
–0.4
1
Ω
1.
Refer to Figure 4: Test circuit for leakage current (IOFF) on page 11
2.
Measured by voltage drop between channels at indicated current through the switch. ON resistance is determinate by the
lower of the two voltages.
3.
Flatness is defined as the difference between the RONMAX and RONMIN of ON resistance over the specified range.
4.
ΔR
ON measured at same VCC, temperature and voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com