Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1800L Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMUX1800L
Description  16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMUX1800L Datasheet HTML 9Page - STMicroelectronics STMUX1800L Datasheet HTML 10Page - STMicroelectronics STMUX1800L Datasheet HTML 11Page - STMicroelectronics STMUX1800L Datasheet HTML 12Page - STMicroelectronics STMUX1800L Datasheet HTML 13Page - STMicroelectronics STMUX1800L Datasheet HTML 14Page - STMicroelectronics STMUX1800L Datasheet HTML 15Page - STMicroelectronics STMUX1800L Datasheet HTML 16Page - STMicroelectronics STMUX1800L Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STMUX1800L
Electrical characteristics
Doc ID 14869 Rev 4
13/21
Figure 7.
Test circuit for switch on capacitance (CON)
Figure 8.
Test circuit for bandwidth measurement (BW)
Frequency response is measured at the output of the ON channel. For example, when
VSEL = 0 and A is the input, the output is measured at A0. All unused analog I/O ports are
left open.
HP8753ES setup:
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBm
LCR meter
DC = 0.25 V
AC = 0.5 Vpp
f = 1 MHz
DUT
SEL
3.3 V
VDD
GND
L or H
L for channel 0 and
H for channel 1
A
A0
A1
AA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com