Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1800L Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMUX1800L
Description  16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMUX1800L Datasheet HTML 5Page - STMicroelectronics STMUX1800L Datasheet HTML 6Page - STMicroelectronics STMUX1800L Datasheet HTML 7Page - STMicroelectronics STMUX1800L Datasheet HTML 8Page - STMicroelectronics STMUX1800L Datasheet HTML 9Page - STMicroelectronics STMUX1800L Datasheet HTML 10Page - STMicroelectronics STMUX1800L Datasheet HTML 11Page - STMicroelectronics STMUX1800L Datasheet HTML 12Page - STMicroelectronics STMUX1800L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STMUX1800L
Electrical characteristics
Doc ID 14869 Rev 4
9/21
Table 9.
Capacitance (TA = 25 °C, f = 1 MHz)
Table 10.
Power supply characteristics
Table 11.
Dynamic electrical characteristics (VCC = 3.3 V ±10%)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
CIN
SEL pin input
capacitance(1)
1.
Refer to Figure 5 on page 12
DC = 0.25 V
AC = 0.5 VPP
f=1MHz
–2
3
pF
COFF
Switch off
capacitance(2)
2.
Refer to Figure 6 on page 12
DC = 0.25 V
AC = 0.5 VPP
f=1MHz
–4
5
pF
CON
Switch on
capacitance(3)
3.
Refer to Figure 7 on page 13
DC = 0.25 V
AC = 0.5 VPP
f=1MHz
–
9.5
11
pF
Symbol
Parameter
Test condition
Value
Unit
-40 to 85 °C
Min
Typ
Max
ICC
Quiescent power
supply
VCC = 3.6 V, VIN = VCC or
GND
–
150
500
µA
Symbol
Parameter
Test condition
Value
Unit
-40 to 85 °C
Min
Typ
Max
Xtalk
Crosstalk(1)
1.
Refer to Figure 9 on page 14
RL= 100 Ω
f = 250 MHz
–-45
–
dB
OIRR
Off isolation(2)
2.
Refer to Figure 10 on page 15
RL= 100 Ω
f = 250 MHz
–-37
–
dB
BW
-3 dB bandwidth(3)
3.
Refer to Figure 8 on page 13
RL= 100 Ω
0
< V
IN
≤3.6 V
–
600
–
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com