Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1800L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STMUX1800L
Description  16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800L Datasheet(HTML) 3 Page - STMicroelectronics

  STMUX1800L Datasheet HTML 1Page - STMicroelectronics STMUX1800L Datasheet HTML 2Page - STMicroelectronics STMUX1800L Datasheet HTML 3Page - STMicroelectronics STMUX1800L Datasheet HTML 4Page - STMicroelectronics STMUX1800L Datasheet HTML 5Page - STMicroelectronics STMUX1800L Datasheet HTML 6Page - STMicroelectronics STMUX1800L Datasheet HTML 7Page - STMicroelectronics STMUX1800L Datasheet HTML 8Page - STMicroelectronics STMUX1800L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STMUX1800L
Pin description
Doc ID 14869 Rev 4
3/21
1
Pin description
Figure 1.
Pin connection (top through view)
Table 2.
Pin description
Pin
Symbol
Name and function
2, 3, 7, 8, 11, 12, 14, 15
A, B, C, D, E, F, G, H
8-bit bus
48, 47, 43, 42, 37, 36, 32, 31
A0, B0, C0, D0, E0, F0, G0, H0 8-bit multiplexed to bus 0
46, 45, 41, 40, 35, 34, 30, 29
A1, B1, C1, D1, E1, F1, G1, H1 8-bit multiplexed to bus 1
5
N/C
Not connected
17
SEL
Bus and LED switch selection
19, 20, 54
LED1, LED2, LED3
LED switch input
22, 23, 25, 26, 51, 52
LED1_0, LED2_0, LED1_1,
LED2_1, LED3_1, LED3_0
LED switch output
4, 10, 18, 27, 38, 50, 56
VDD
Supply voltage
1, 6, 9, 13, 16, 21, 24, 28, 33,
39, 44, 49, 53, 55
GND
Ground
GND
LED1_0
LED2_0
GND
LED1_1
LED2_1
VDD
GND
VDD
GND
LED3
GND
LED3_0
LED3_1
VDD
GND
CS000103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com