Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492E Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7492E
Description  79 W 79 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7492E Datasheet HTML 9Page - STMicroelectronics TDA7492E Datasheet HTML 10Page - STMicroelectronics TDA7492E Datasheet HTML 11Page - STMicroelectronics TDA7492E Datasheet HTML 12Page - STMicroelectronics TDA7492E Datasheet HTML 13Page - STMicroelectronics TDA7492E Datasheet HTML 14Page - STMicroelectronics TDA7492E Datasheet HTML 15Page - STMicroelectronics TDA7492E Datasheet HTML 16Page - STMicroelectronics TDA7492E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TDA7492E
Application information
DocID027638 Rev 1
13/24
An example of maximum effective control voltage at PLIMIT vs. power supply and load
resistance is shown in Table 11: "Max effective voltage of PLIMIT pin vs. power supply and
load".
Table 11: Max effective voltage of PLIMIT pin vs. power supply and load
Rload
Power supply
7 V
13 V
24 V
4 Ω
0.71 V
1.32 V
2.44 V
6 Ω
0.74 V
1.37 V
2.53 V
8 Ω
0.75 V
1.39 V
2.57 V
4.4
Mode selection
The three operating modes of the TDA7492E are set by two inputs: STBY (pin 20) and
MUTE (pin 21).
•
Standby mode: all circuits are turned off, very low current consumption.
•
Mute mode: inputs are connected to ground and the positive and negative PWM
outputs are at 50% duty cycle
•
Play mode: the amplifiers are active.
The protection functions of the TDA7492E are implemented by pulling down the voltages of
the STBY and MUTE inputs shown in Figure 5: "Standby and mute circuits". The input
current of the corresponding pins must be limited to 200 µA.
Table 12: Mode settings
Mode
STBY
MUTE
Standby
L(1)
X (don’t care)
Mute
H
L
Play
H
H
Notes:
(1)Drive levels defined in Table 5: "Electrical specifications".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com