Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492E Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7492E
Description  79 W 79 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7492E Datasheet HTML 13Page - STMicroelectronics TDA7492E Datasheet HTML 14Page - STMicroelectronics TDA7492E Datasheet HTML 15Page - STMicroelectronics TDA7492E Datasheet HTML 16Page - STMicroelectronics TDA7492E Datasheet HTML 17Page - STMicroelectronics TDA7492E Datasheet HTML 18Page - STMicroelectronics TDA7492E Datasheet HTML 19Page - STMicroelectronics TDA7492E Datasheet HTML 20Page - STMicroelectronics TDA7492E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TDA7492E
Characterization curves
DocID027638 Rev 1
17/24
Figure 12: THD vs. frequency (Vs = 26 V, Po = 1 W)
Figure 13: Frequency response Vs = 26 V
Figure 14: Signal-to-noise ratio (Vs = 26 V, gain =
32.6 dB, not weighted)
Figure 15: Signal-to-noise ratio (Vs = 26 V, gain =
20.6 dB, not weighted)
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Vs=26V,
Rl =6
Ω , Po= 1W
Frequency (Hz)
-6
+2
-5.5
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
20
20k
50
100
200
500
1k
2k
5k
10k
Rl =6
Ω, Po= 1W
Frequency (Hz)
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Gain = 32.6dB, No -Weight
Vs=26V,Rl=6
Ω ,Po=1W, f=1kHz
Frequency (Hz)
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Gain=20.6dB, No-Weight
Vs=26V, Rl=6
Ω, Po= 1W, f=1kHz
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com