Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492E Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7492E
Description  79 W 79 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7492E Datasheet HTML 16Page - STMicroelectronics TDA7492E Datasheet HTML 17Page - STMicroelectronics TDA7492E Datasheet HTML 18Page - STMicroelectronics TDA7492E Datasheet HTML 19Page - STMicroelectronics TDA7492E Datasheet HTML 20Page - STMicroelectronics TDA7492E Datasheet HTML 21Page - STMicroelectronics TDA7492E Datasheet HTML 22Page - STMicroelectronics TDA7492E Datasheet HTML 23Page - STMicroelectronics TDA7492E Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package information
TDA7492E
20/24
DocID027638 Rev 1
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
PowerSSO36 EPU package information
The device comes in a 36-pin PowerSSO package with exposed pad up (EPU).
Figure 21: "PowerSSO-36 EPU package outline" shows the package outline and Table 13:
"PowerSSO-36 EPU package mechanical data" gives the dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com