Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718BTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7718BTR
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718BTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7718BTR Datasheet HTML 8Page - STMicroelectronics TDA7718BTR Datasheet HTML 9Page - STMicroelectronics TDA7718BTR Datasheet HTML 10Page - STMicroelectronics TDA7718BTR Datasheet HTML 11Page - STMicroelectronics TDA7718BTR Datasheet HTML 12Page - STMicroelectronics TDA7718BTR Datasheet HTML 13Page - STMicroelectronics TDA7718BTR Datasheet HTML 14Page - STMicroelectronics TDA7718BTR Datasheet HTML 15Page - STMicroelectronics TDA7718BTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Electrical specifications
TDA7718B
12/40
DocID18305 Rev 3
DC offset detection circuit
Vth
Zero comp. window size
V1
±10
±25
±40
mV
V2
±30
±50
±70
mV
V3
±50
±75
±100
mV
V4
±70
±100
±130
mV
tsp
Max rejected spike length
-2
11
30
µs
-
5
22
50
µs
-10
33
70
µs
-15
44
90
µs
ICHDCErr DCErr charge current
-
2
5
8
µA
IDISDCErr DCErr discharge current
-
4
5
9
mA
VOutH
DCErr high voltage
-
3
3.3
3.6
V
VOutL
DCErr low voltage
-
-
100
300
mV
General
eNO
Output noise
BW=20 Hz to 20 kHz A-
Weighted, all gain = 0 dB
-12
22
µV
BW=20 Hz - 20 kHz A-
Weighted, Output muted
-
7
12
µV
S/N
Signal to noise ratio
all gain = 0 dB, A-weighted;
Vo = 2 VRMS
98
104
-
dB
DDistortion
VIN =1 VRMS; all stages 0 dB
-
0.01
0.1
%
SC
Channel separation left/right
-
-
90
-
dB
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com