Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718BTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7718BTR
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718BTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7718BTR Datasheet HTML 30Page - STMicroelectronics TDA7718BTR Datasheet HTML 31Page - STMicroelectronics TDA7718BTR Datasheet HTML 32Page - STMicroelectronics TDA7718BTR Datasheet HTML 33Page - STMicroelectronics TDA7718BTR Datasheet HTML 34Page - STMicroelectronics TDA7718BTR Datasheet HTML 35Page - STMicroelectronics TDA7718BTR Datasheet HTML 36Page - STMicroelectronics TDA7718BTR Datasheet HTML 37Page - STMicroelectronics TDA7718BTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
I2C bus specification
TDA7718B
34/40
DocID18305 Rev 3
Table 14. Treble filter (9)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
-
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Gain/attenuation
-15 dB
-14 dB
:
-1 dB
0dB
0dB
+1 dB
:
+14 dB
+15 dB
-
0
0
1
1
0
1
0
1
--
-
-
-
Treble center frequency
10.0 kHz
12.5 kHz
15.0 kHz
17.5 kHz
0
1
--
-
-
-
-
-
Soft-step action
Act
Wait
Table 15. Middle filter (10)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
-
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Gain/attenuation
-15 dB
-14 dB
:
-1 dB
0dB
0dB
+1 dB
:
+14 dB
+15 dB
-
0
0
1
1
0
1
0
1
--
-
-
-
Middle Q factor
0.75
1
1.25
Reserved
0
1
--
-
-
-
-
-
Soft-step action
Act
Wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com