Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718BTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7718BTR
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718BTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7718BTR Datasheet HTML 32Page - STMicroelectronics TDA7718BTR Datasheet HTML 33Page - STMicroelectronics TDA7718BTR Datasheet HTML 34Page - STMicroelectronics TDA7718BTR Datasheet HTML 35Page - STMicroelectronics TDA7718BTR Datasheet HTML 36Page - STMicroelectronics TDA7718BTR Datasheet HTML 37Page - STMicroelectronics TDA7718BTR Datasheet HTML 38Page - STMicroelectronics TDA7718BTR Datasheet HTML 39Page - STMicroelectronics TDA7718BTR Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID18305 Rev 3
37/40
TDA7718B
I2C bus specification
Table 20. Testing audio processor 2 (20)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
--
-
-
-
0
1
Test architecture (1)
Normal
Split
--
--
-
-
0
1
-
Oscillator clock (2)
400 kHz
800 kHz
--
--
-
0
1
--
Soft-step curve (2)
S-Curve
Linear curve
--
-
0
0
1
1
0
1
0
1
--
-
Manual set busy signal (1)
Auto
Auto
0
1
--
-
0
0
1
1
0
1
0
1
--
-
Request for clk generator (1)
Allow
Allow
Stopped
Stopped
--
0
1
--
-
-
-
No DCO spike rejection(1)
On
Off
xx
-
-
-
-
-
-
Not used
1. The control bit needs sub-address test mode on.
2. The control bit does not depend on test mode.
Table 21. Testing audio processor 3 (21)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
--
-
-
-
0
1
Enable clock for FL/FR/RL/RR/SWL/SWR
On
Off
--
--
-
-
0
1
-
Enable clock for volume
On
Off
--
--
-
0
1
--
Enable clock for treble and bass
On
Off
--
--
0
1
--
-
Enable clock for loudness and middle
On
Off
xx
x
x
-
-
-
-
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com