Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718BTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7718BTR
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718BTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7718BTR Datasheet HTML 14Page - STMicroelectronics TDA7718BTR Datasheet HTML 15Page - STMicroelectronics TDA7718BTR Datasheet HTML 16Page - STMicroelectronics TDA7718BTR Datasheet HTML 17Page - STMicroelectronics TDA7718BTR Datasheet HTML 18Page - STMicroelectronics TDA7718BTR Datasheet HTML 19Page - STMicroelectronics TDA7718BTR Datasheet HTML 20Page - STMicroelectronics TDA7718BTR Datasheet HTML 21Page - STMicroelectronics TDA7718BTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Description of the audioprocessor
TDA7718B
18/40
DocID18305 Rev 3
4.5.2
Bass center frequency
Figure 9 shows the four possible center frequencies 60, 80, 100 and 200 Hz.
Figure 9. Bass center frequencies @ gain = 14 dB, Q = 1
4.5.3
Quality factors
Figure 10 shows the four possible quality factors 1, 1.25, 1.5 and 2.
Figure 10. Bass quality factors @ gain = 14 dB, fC = 80 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com