Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVS248X02C Datasheet(PDF) 7 Page - STMicroelectronics

Part # STRVS248X02C
Description  ST repetitive voltage suppressor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS248X02C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STRVS248X02C Datasheet HTML 3Page - STMicroelectronics STRVS248X02C Datasheet HTML 4Page - STMicroelectronics STRVS248X02C Datasheet HTML 5Page - STMicroelectronics STRVS248X02C Datasheet HTML 6Page - STMicroelectronics STRVS248X02C Datasheet HTML 7Page - STMicroelectronics STRVS248X02C Datasheet HTML 8Page - STMicroelectronics STRVS248X02C Datasheet HTML 9Page - STMicroelectronics STRVS248X02C Datasheet HTML 10Page - STMicroelectronics STRVS248X02C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID023950 Rev 4
7/14
STRVSX
Package information
14
2
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
•
Polarity: band indicates cathode
•
Terminals: solder plated, solderable as per MIL-STD-750, method 2026
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
SMB package information
Figure 20. SMB dimension definitions
Table 5. SMB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com